Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV5128L-55H Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IC62LV5128L-55H
Description  512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV5128L-55H Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IC62LV5128L-55H Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV5128L-55H Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV5128L-55H Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV5128L-55H Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV5128L-55H Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV5128L-55H Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV5128L-55H Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV5128L-55H Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV5128L-55H Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated Circuit Solution Inc.
1
LPSR012-0B 08/31/2001
IC62LV5128L
IC62LV5128LL
Document Title
512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Revision History
Revision No
History
Draft Date
Remark
0A
Initial Draft
May 1,2001
Preliminary
0B
1. Change for tPWE: 45 to 40 ns for 55 ns product
August 31,2001
: 60 to 40 ns for 70 ns product
2. Change for VCC: 2.2-3.6V to 2.7-3.6V
3.1 Change for ICC test conditiomn: VCC=Max. to 3V
3.2 Change for ICC: 30 to 25mA for 55 ns product
25 to 20mA for 70 ns porduct
20 to 15 mA for 100 ns product
4.1 Change for VDR Min. : 1.2 to 1.5V
4.2 Change for IDR test condition: VCC=1.2 to 1.5V and IDR
5. Change for tHZCE 25 to 20 ns for 55 ns product
6. Change for tHZWE 33 to 30 ns for 70 ns product
The attached datasheets are provided by ICSI. Integrated Circuit Solution Inc reserve the right to change the specifications and
products. ICSI will answer to your questions about device. If you have any questions, please contact the ICSI offices.


Similar Part No. - IC62LV5128L-55H

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV51216L ICSI-IC62LV51216L Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100B ICSI-IC62LV51216L-100B Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100BI ICSI-IC62LV51216L-100BI Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100T ICSI-IC62LV51216L-100T Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV51216L-100TI ICSI-IC62LV51216L-100TI Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV5128L-55H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com