Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S32202-8BI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC42S32202-8BI
Description  512K x 32 Bit x 4 Banks (64-MBIT) SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S32202-8BI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC42S32202-8BI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S32202-8BI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S32202-8BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S32202-8BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S32202-8BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S32202-8BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S32202-8BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S32202-8BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S32202-8BI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
IC42S32202/L
4
Integrated Circuit Solution Inc.
DR042-0C 08/17/2004
PIN DESCRIPTIONS
Table 1.Pin Details of IC42S32202 and IC42S32202L
Symbol
Type
Description
CLK
Input
Clock:CLK is driven by the system clock.All SDRAM input signals are sampled on the positive edge
of CLK.CLK also increments the internal burst counter and controls the output registers.
CKE
Input
Clock Enable:CKE activates(HIGH)and deactivates(LOW)the CLK signal.If CKE goes low syn-
chronously with clock(set-up and hold time same as other inputs),the internal clock is suspended
from the next clock cycle and the state of output and burst address is frozen as long as the CKE
remains low.When all banks are in the idle state,deactivating the clock controls the entry to the
Power Down and Self Refresh modes.CKE is synchronous except after the device enters Power
Down and Self Refresh modes,where CKE becomes asynchronous until exiting the same mode.
The input buffers,including CLK,are disabled during Power Down and Self Refresh modes,providing
low standby power.
BS0,BS1 Input
Bank Select:BS0 and BS1 defines to which bank the BankActivate,Read,Write,or BankPrecharge
command is being applied.
A0-A10 Input
Address Inputs:A0-A10 are sampled during the BankActivate command (row address A0-A10)and
Read/Write command (column address A0-A7 with A10 defining Auto Precharge) to select one
location out of the 256K available in the respective bank.During a Precharge command,A10 is
sampled to determine if all banks are to be precharged (A10 =HIGH).
The address inputs also provide the op-code during a Mode Register Set .
CS#
Input
Chip Select:CS#enables (sampled LOW)and disables (sampled HIGH)the command decoder.All
commands are masked when CS#is sampled HIGH.CS#provides for external bank selection on
systems with multiple banks.It is considered part of the command code.
RAS#
Input
Row Address Strobe:The RAS#signal defines the operation commands in conjunction with the
CAS#and WE#signals and is latched at the positive edges of CLK.When RAS# and CS#are as-
serted “LOW”and CAS#is asserted “HIGH,”either the BankActivate command or the Precharge
command is selected by the WE#signal.When the WE#is asserted “HIGH,”the BankActivate com-
mand is selected and the bank designated by BS is turned on to the active state.When the WE#is
asserted “LOW,”the Precharge command is selected and the bank designated by BS is switched to
the idle state after the precharge operation.
CAS#
Input
Column Address Strobe:The CAS#signal defines the operation commands in conjunction with the
RAS#and WE#signals and is latched at the positive edges of CLK. When RAS#is held “HIGH”and
CS#is asserted “LOW,”the column access is started by asserting CAS#”LOW.”Then,the Read or
Write command is selected by asserting WE# “LOW”or “HIGH.”
WE#
Input
Write Enable:The WE#signal defines the operation commands in conjunction with the RAS#and
CAS#signals and is latched at the positive edges of CLK.The WE#input is used to select the
BankActivate or Precharge command and Read or Write command.
DQM0-3 Input
Data Input/Output Mask:DQM0-DQM3 are byte specific,nonpersistent I/O buffer controls. The I/O
buffers are placed in a high-z state when DQM is sampled HIGH.Input data is masked when DQM
is sampled HIGH during a write cycle.Output data is masked (two-clock latency)when DQM is
sampled HIGH during a read cycle.DQM3 masks DQ31-DQ24,DQM2 masks DQ23-DQ16,DQM1
masks DQ15-DQ8,and DQM0 masks DQ7-DQ0.
DQ0-31 Input/Output
Data I/O:The DQ0-31 input and output data are synchronized with the positive edges of
CLK.The I/Os are byte-maskable during Reads and Writes.


Similar Part No. - IC42S32202-8BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6B ICST-IC42S32200/L-6B Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BG ICST-IC42S32200/L-6BG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BI ICST-IC42S32200/L-6BI Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BIG ICST-IC42S32200/L-6BIG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S32202-8BI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4SD2M32 AUSTIN-AS4SD2M32 Datasheet
1Mb / 52P
   512K x 32 x 4 Banks (64-Mb) Synchronous SDRAM
logo
Winbond
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
IC42S32800 ICSI-IC42S32800 Datasheet
857Kb / 62P
   2M x 32 Bit x 4 Banks (256-MBIT) SDRAM
logo
Elite Semiconductor Mem...
M12L64322A2U ESMT-M12L64322A2U Datasheet
811Kb / 46P
   512K x 32 Bit x 4 Banks
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W946432AD WINBOND-W946432AD Datasheet
462Kb / 40P
   512K X 4 BANKS X 32 BITS DDR SDRAM
logo
Micron Technology
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com