Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62VV51216L Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC62VV51216L
Description  512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV51216L Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC62VV51216L Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Integrated Circuit Solution Inc.
3
LPSR018-0B 9/02/2002
IC62VV51216L
IC62VV51216LL
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE1
CE2
22
22
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0/-I/O7
I/O8-I/O15
Power
Not Selected
X
H
X
X
X
X
High-Z
High-Z
Standby
X
X
L
X
X
X
High-Z
High-Z
Standby
X
X
X
X
H
H
High-Z
High-Z
Standby
Output Disabled
H
L
H
H
L
X
High-Z
High-Z
Active
H
L
H
H
X
L
High-Z
High-Z
Active
Read
H
L
H
L
L
H
DOUT
High-Z
Active
H
L
H
L
H
L
High-Z
DOUT
Active
HLH
L
L
L
DOUT
DOUT
Active
Write
L
L
H
X
L
H
DIN
High-Z
Active
L
L
H
X
H
L
High-Z
DIN
Active
LL
H
X
L
L
DIN
DIN
Active
48-Pin TF-BGA (TOP Veiw)
PIN CONFIGURATIONS
44-Pin TSOP-2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A4
A3
A2
A1
A0
CE1
I/O0
I/O1
I/O2
I/O3
Vcc
GND
I/O4
I/O5
I/O6
I/O7
WE
A18
A17
A16
A15
A14
A5
A6
A7
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
GND
Vcc
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
A12
A13
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A0
A1
A2
CE2
I/O8
UB
A3
A4
CE1
I/O0
I/O9
I/O10
A5
A6
I/O1
I/O2
GND
I/O11
A17
A7
I/O3
Vcc
Vcc
I/O12
NC
A16
I/O4
GND
I/O14
I/O13
A14
A15
I/O5
I/O6
I/O15
NC
A12
A13
WE
I/O7
A18
A8
A9
A10
A11
NC
PIN DESCRIPTIONS
A0-A18
Address Inputs
I/O0-I/O15
Data Input/Output
CE1
Chip Enable1 Input
CE2
Chip Enable2 Input, BGA only
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (l/O0-I/O7)
UB
Upper-byte Control (l/O8-I/O15)
NC
No Connection
Vcc
Power
GND
Ground


Similar Part No. - IC62VV51216L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100B ICSI-IC62VV5128L-100B Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100BI ICSI-IC62VV5128L-100BI Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100H ICSI-IC62VV5128L-100H Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100HI ICSI-IC62VV5128L-100HI Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV51216L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
T15V8M16A ETC-T15V8M16A Datasheet
87Kb / 12P
   512K X 16 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
EM512D16 ETC1-EM512D16 Datasheet
54Kb / 9P
   512K x 16 bit Ultra-Low Power Asynchronous Static RAM
logo
Emerging Memory & Logic...
EM681FV16A EMLSI-EM681FV16A Datasheet
385Kb / 10P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FV16A EMLSI-EM680FV16A Datasheet
96Kb / 11P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV12816L ICSI-IC62VV12816L Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com