Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62VV51216L Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC62VV51216L
Description  512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV51216L Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC62VV51216L Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 11Page - Integrated Circuit Solution Inc IC62VV51216L Datasheet HTML 12Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Integrated Circuit Solution Inc.
LPSR018-0B 9/02/2002
IC62VV51216L
IC62VV51216LL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
-70
-100
Symbol Parameter
Min.
Max.
Min.
Max
Unit
tWC
Write Cycle Time
70
100
ns
tSCE
CE1 Low and CE2 HIGH to Write End
65
80
ns
tAW
Address Setup Time to Write End
65
80
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Setup Time
0
0
ns
tPWB
LB, UB Valid to End of Write
60
80
ns
tPWE
WE Pulse Width
55
80
ns
tSD
Data Setup to Write End
30
40
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE(3) WE LOW to High-Z Output
30
40
ns
tLZWE(3) WE HIGH to Low-Z Output
5
5
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 0.9V, input pulse levels of 0.4V to 1.4V
and output loading specified in Figure 1.
2. The internal write time is defined by the overlap of CE1 LOW, and
UB or LB, WE LOW, and CE2 HIGH All signals must be in
valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are
referenced to the rising or falling edge of the signal that terminates the Write.
3. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
DATA UNDEFINED
t WC
VALID ADDRESS
t SCE
t PWE
t AW
t HA
HIGH-Z
t PBW
t HD
t SA
t HZWE
ADDRESS
CE1
UB, LB
WE
DOUT
DIN
CE2
DATAIN VALID
t LZWE
t SD
AC WAVEFORMS
WRITE CYCLE NO. 1(1,2) (CE1 or CE2, Controlled, OE = HIGH or LOW)
Notes:
1. WRITE is an internally generated signal asserted during an overlap of the
WE, CE1 = VIL, CE2 = VIH and at least one of the LB
and
UB inputs being in the LOW state.


Similar Part No. - IC62VV51216L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100B ICSI-IC62VV5128L-100B Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100BI ICSI-IC62VV5128L-100BI Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100H ICSI-IC62VV5128L-100H Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100HI ICSI-IC62VV5128L-100HI Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV51216L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
T15V8M16A ETC-T15V8M16A Datasheet
87Kb / 12P
   512K X 16 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
EM512D16 ETC1-EM512D16 Datasheet
54Kb / 9P
   512K x 16 bit Ultra-Low Power Asynchronous Static RAM
logo
Emerging Memory & Logic...
EM681FV16A EMLSI-EM681FV16A Datasheet
385Kb / 10P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FV16A EMLSI-EM680FV16A Datasheet
96Kb / 11P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV12816L ICSI-IC62VV12816L Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com