Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61SP12836-133B Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC61SP12836-133B
Description  128K x 32 Pipelined SyncBurst SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61SP12836-133B Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC61SP12836-133B Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61SP12836-133B Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61SP12836-133B Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61SP12836-133B Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61SP12836-133B Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61SP12836-133B Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61SP12836-133B Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61SP12836-133B Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61SP12836-133B Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Integrated Circuit Solution Inc.
SSR019-0A
09/17/2001
IC61SP12832
IC61SP12836
TRUTH TABLE
Address
Operation
Used
CE
CE
CE
CE
CE
CE2
CE2
CE2
CE2
CE2
CE2
ADSP
ADSP
ADSP
ADSP
ADSP ADSC
ADSC
ADSC
ADSC
ADSC
ADV
ADV
ADV
ADV
ADV WRITE
WRITE
WRITE
WRITE
WRITE
OE
OE
OE
OE
OE
DQ
Deselected, Power-down
None
H
X
X
X
L
X
X
X
High-Z
Deselected, Power-down
None
L
X
H
L
XXXX
High-Z
Deselected, Power-down
None
L
L
X
L
XXXX
High-Z
Deselected, Power-down
None
X
X
H
H
L
X
X
X
High-Z
Deselected, Power-down
None
X
0
X
H
L
X
X
X
High-Z
Read Cycle, Begin Burst
External
L
H
L
L
XXXX
High-Z
Read Cycle, Begin Burst
External
L
H
L
H
0
X
Read
X
High-Z
Write Cycle, Begin Burst
External
L
H
L
H
L
X
Write
X
High-Z
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
Read
L
Q
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
Read
H
High-Z
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
Read
L
Q
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
Read
H
High-Z
Write Cycle, Continue Burst
Next
X
X
X
H
H
L
Write
X
High-Z
Write Cycle, Continue Burst
Next
H
X
X
X
H
L
Write
X
High-Z
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
Read
L
Q
Read Cycle, Suspend Burst
Current
X
X
X
H
H
H
Read
H
High-Z
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
Read
L
Q
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
Read
H
High-Z
Write Cycle, Suspend Burst
Current
X
X
X
H
H
H
Write
X
High-Z
Write Cycle, Suspend Burst
Current
H
X
X
X
H
H
Write
X
High-Z
PARTIAL TRUTH TABLE
Function
GW
GW
GW
GW
GW
BWE
BWE
BWE
BWE
BWE
BW1
BW1
BW1
BW1
BW1
BW2
BW2
BW2
BW2
BW2
BW3
BW3
BW3
BW3
BW3 BW4
BW4
BW4
BW4
BW4
Read
H
H
X
X
X
X
Read
H
L
H
H
H
H
Write Byte 1
H
L
L
H
H
H
Write All Bytes
H
LLLL
L
Write All Bytes
L
XXXX
X


Similar Part No. - IC61SP12836-133B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S25632D ICSI-IC61S25632D Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133B ICSI-IC61S25632D-133B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQ ICSI-IC61S25632D-133TQ Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQI ICSI-IC61S25632D-133TQI Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-166B ICSI-IC61S25632D-166B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
More results

Similar Description - IC61SP12836-133B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Cypress Semiconductor
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com