Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV1024ALL-45QI Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC62LV1024ALL-45QI
Description  128K x 8 Ultra Low Power and Low VCC SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV1024ALL-45QI Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC62LV1024ALL-45QI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV1024ALL-45QI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV1024ALL-45QI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV1024ALL-45QI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV1024ALL-45QI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV1024ALL-45QI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV1024ALL-45QI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV1024ALL-45QI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV1024ALL-45QI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Integrated Circuit Solution Inc.
LPSR017-0A 09/13/2001
IC62LV1024AL
IC62LV1024ALL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
ICSI IC62LV1024AL and IC62LV1024ALL are low power
and low Vcc,131,072-word by 8-bit CMOS static RAMs. They
are fabricated using
ICSI'shigh-performanceCMOStechnology.
This highly reliable process coupled with innovative circuit
design techniques, yields higher performance and low power
consumption devices.
When
CE1 is HIGH or CE2 is LOW (deselected), the device
assumes a standby mode at which the power dissipation can
be reduced by using CMOS input levels.
Easy memory expansion is provided by using two Chip Enable
inputs,
CE1 and CE2. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IC62LV1024AL and IC62LV1024ALL are available in 32-pin
8*20mm TSOP-1, 8*13.4mm TSOP-1, 450mil SOP and 48-pin
6*8mm TF-BGA.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE1
OE
WE
512 X 2048
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
CE2
128K x 8 LOW POWER and LOW Vcc
CMOS STATIC RAM
FEATURES
• Access times of 45, 55, and 70 ns
• Low active power: 60 mW (typical)
• Low standby power: 15 µW (typical) CMOS
standby
• Low data retention voltage: 2V (min.)
• Available in Low Power (-L) and
Ultra Low Power (-LL)
• Output Enable (
OE) and two Chip Enable
(
CE1 and CE2) inputs for ease in applications
• TTL compatible inputs and outputs
• Single 2.7V to 3.3V power supply


Similar Part No. - IC62LV1024ALL-45QI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1008L ICSI-IC62LV1008L Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100B ICSI-IC62LV1008L-100B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100BI ICSI-IC62LV1008L-100BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55B ICSI-IC62LV1008L-55B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55BI ICSI-IC62LV1008L-55BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV1024ALL-45QI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV1024L ICSI-IS62LV1024L Datasheet
132Kb / 10P
   128K x 8 LOW POWER AND LOW Vcc
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com