Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C8512 Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS41C8512
Description  512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41C8512 Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS41C8512 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS41C8512 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS41C8512 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41C8512 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41C8512 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41C8512 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41C8512 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41C8512 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41C8512 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
.EATURES
• Extended Data-Out (EDO) Page Mode access cycle
• TTL compatible inputs and outputs; tristate I/O
• Refresh Interval: 1024 cycles /16 ms
• Refresh Mode: RAS-Only, CAS-before-RAS (CBR),
Hidden
• JEDEC standard pinout
• Single power supply:
5V ± 10% (IS41C8512)
3.3V ± 10% (IS41LV8512)
• Byte Write and Byte Read operation via CAS
• Industrail Temperature Range -40oC to 85oC
DESCRIPTION
The
1+51 IS41C8512 and IS41LV8512 is a 524,288 x 8-bit
high-performance CMOS Dynamic Random Access Memories.
The IS41C8512 offer an accelerated cycle access called EDO
Page Mode. EDO Page Mode allows 512 random accesses
within a single row with access cycle time as short as 10 ns per
8-bit.
These features make the IS41C8512and IS41LV8512 ideally
suited for high-bandwidth graphics, digital signal processing,
high-performance computing systems, and peripheral
applications.
The IS41C8512 is packaged in a 28-pin 400mil SOJ and
400mil TSOP-2.
IS41C8512
IS41LV8512
512K x 8 (4-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
KEY TIMING PARAMETERS
Parameter
-35
-50
-60
Unit
Max. RAS Access Time (tRAC)
355060
ns
Max. CAS Access Time (tCAC)
101415
ns
Max. Column Address Access Time (tAA)
182530
ns
Min. EDO Page Mode Cycle Time (tPC)
122025
ns
Min. Read/Write Cycle Time (tRC)
60
90
110
ns
PIN CON.IGURATIONS
28 Pin SOJ, TSOP-2
PIN DESCRIPTIONS
A0-A9
Address Inputs
I/O0-7
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
Integrated Circuit Solution Inc.
1
DR008-0B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
I/O0
I/O1
I/O2
I/O3
NC
WE
RAS
A9
A0
A1
A2
A3
VCC
GND
I/O7
I/O6
I/O5
I/O4
CAS
OE
NC
A8
A7
A6
A5
A4
GND


Similar Part No. - IS41C8512

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85120-35K ISSI-IS41C85120-35K Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85120-60K ISSI-IS41C85120-60K Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85120-60KI ISSI-IS41C85120-60KI Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41C8512

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C4100 ISSI-IS41C4100 Datasheet
143Kb / 19P
   1Meg x 4 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C8200 ISSI-IS41C8200 Datasheet
159Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com