Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV51216LL-70B Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC62LV51216LL-70B
Description  512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV51216LL-70B Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC62LV51216LL-70B Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV51216LL-70B Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV51216LL-70B Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV51216LL-70B Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV51216LL-70B Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV51216LL-70B Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV51216LL-70B Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV51216LL-70B Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV51216LL-70B Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Integrated Circuit Solution Inc.
5
LPSR014-0C 1/22/2003
IC62LV51216L
IC62LV51216LL
IC62LV51216L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-55
-70
-100
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating VCC = 3.0V.,
Com.
30
25
20
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
35
30
25
ISB1
TTL Standby Current
VCC = Max.,
Com.
0.2
0.2
0.2
mA
(TTL Inputs)
VIN = VIH or VIL, f = 0
Ind.
0.3
0.3
0.3
CE1 = VIH, CE2 = VIL
Com.
0.7*
0.7*
0.7*
Ind.
0.8*
0.8*
0.8*
ISB2
CMOS Standby
VCC = Max.,
Com.
35
35
35
µA
Current (CMOS Inputs)
CE1
≥ VCC – 0.2V,
Ind.
50
50
50
or CE2
≤ 0.2V
other input = 0-VCC, f = 0
OR
ULB Control
VCC = Max., CE1 = VIL, CE2 = VIH
VIN
≤ 0.2V, f = 0, UB / LB ≥ VCC – 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
*.For TSOP-2
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Times
5 ns
Input Reference Level
1.3V
Output Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
5 pF
Including
jig and
scope
OUTPUT
1 TTL
100 pF
Including
jig and
scope
OUTPUT
1 TTL


Similar Part No. - IC62LV51216LL-70B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100B ICSI-IC62LV5128L-100B Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100BI ICSI-IC62LV5128L-100BI Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100H ICSI-IC62LV5128L-100H Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100HI ICSI-IC62LV5128L-100HI Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV51216LL-70B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV12816DL ICSI-IC62LV12816DL Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
   64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
   64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com