Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62LV1008LL-100BI Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC62LV1008LL-100BI
Description  1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV1008LL-100BI Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC62LV1008LL-100BI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV1008LL-100BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV1008LL-100BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV1008LL-100BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV1008LL-100BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV1008LL-100BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV1008LL-100BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV1008LL-100BI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV1008LL-100BI Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Integrated Circuit Solution Inc.
LPSR015-0A 1/3/2001
IC62LV1008L
IC62LV1008LL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-55
-70
-100
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
55
70
100
ns
tAA
Address Access Time
55
70
100
ns
tOHA
Output Hold Time
10
10
15
ns
tACE1
CE1 Access Time
55
70
100
ns
tACE2
CE2 Access Time
55
70
100
ns
tDOE
OE Access Time
30
35
50
ns
tLZOE(2)
OE to Low-Z Output
5
5
5
ns
tHZOE(2) OE to High-Z Output
20
0
25
0
30
ns
tLZCE1(2) CE1 to Low-Z Output
10
10
10
ns
tLZCE2(2) CE2 to Low-Z Output
10
10
10
ns
tHZCE(2) CE1 or CE2 to Low-Z Output
0
20
0
25
0
30
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, input pulse levels of 0.4V to 2.2V and output
loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Times
5 ns
Input Reference Level
1.3V
Output Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
5 pF
Including
jig and
scope
OUTPUT
1 TTL
100 pF
Including
jig and
scope
OUTPUT
1 TTL


Similar Part No. - IC62LV1008LL-100BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1024AL ICSI-IC62LV1024AL Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
IC62LV1024AL-45B ICSI-IC62LV1024AL-45B Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
IC62LV1024AL-45BI ICSI-IC62LV1024AL-45BI Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
IC62LV1024AL-45H ICSI-IC62LV1024AL-45H Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
IC62LV1024AL-45HI ICSI-IC62LV1024AL-45HI Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
More results

Similar Description - IC62LV1008LL-100BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV1008L ICSI-IC62VV1008L Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C10248AL ISSI-IS62C10248AL Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com