Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C1024LL Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IS62C1024LL
Description  128K x 8 LOW POWER CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62C1024LL Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IS62C1024LL Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62C1024LL Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62C1024LL Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62C1024LL Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62C1024LL Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62C1024LL Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62C1024LL Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62C1024LL Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Integrated Circuit Solution Inc.
3
SR028-0C
IS62C1024LL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TBIAS
Temperature Under Bias
–45 to +85
°C
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
CAPACITANCE(1,2)
Symbol
Parameter
ConditionsMax.
Unit
CIN
Input Capacitance
VIN = 0V
6
p.
COUT
Output Capacitance
VOUT = 0V
8
p.
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.4
—
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
—
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.5
V
VIL
Input LOW Voltage
–0.3
0.8
V
ILI
Input Leakage
GND ≤ VIN ≤ VCC
Com.
–2
1
µA
ILO
Output Leakage
GND ≤ VOUT ≤ VCC
Com.
–2
1
µA
Notes:
1. VIL = –3.0V for pulse width less than 10 ns.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-70 ns
Symbol Parameter
Test Conditions
Min. Max. Unit
ICC1
Vcc Dynamic Operating VCC = Max., CE = VIL
Com.
—
70
mA
Supply Current
IOUT = 0 mA, f = fMAX
ICC2
Vcc Dynamic Operating VCC = Max., CE = VIL
Com.
—
15
mA
Supply Current
IOUT = 0 mA, f = 1 MHZ
ISB
TTL Standby Current
VCC = Max.,
Com.
—
2
mA
(TTL Inputs)
VIN = VIH or VIL, CE1 ≥ VIH, or CE2 ≤ VIL, f = 0
ISB
CMOS Standby
VCC = Max.,
Com.
—
25
µA
Current (CMOS Inputs)
CE1 ≤ VCC – 0.2V,
CE2 ≤ 0.2V, VIN > VCC – 0.2V, or VIN ≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IS62C1024LL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C1024L ISSI-IS62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024L-35Q ISSI-IS62C1024L-35Q Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024L-35QI ISSI-IS62C1024L-35QI Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024L-35T ISSI-IS62C1024L-35T Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024L-35TI ISSI-IS62C1024L-35TI Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62C1024LL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com