Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62VV12816L-100TI Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC62VV12816L-100TI
Description  128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV12816L-100TI Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC62VV12816L-100TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62VV12816L-100TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV12816L-100TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV12816L-100TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV12816L-100TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV12816L-100TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV12816L-100TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV12816L-100TI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62VV12816L-100TI Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Integrated Circuit Solution Inc.
LPSR024-0A 4/23/2002
IC62VV12816L
IC62VV12816LL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-70
-100
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
70
100
ns
tAA
Address Access Time
70
100
ns
tOHA
Output Hold Time
10
15
ns
tACE
CE Access Time
70
100
ns
tDOE
OE Access Time
35
50
ns
tHZOE(2)
OE to High-Z Output
25
30
ns
tLZOE(2)
OE to Low-Z Output
5
5
ns
tHZCE(2)
CE to High-Z Output
0
25
0
30
ns
tLZCE(2)
CE to Low-Z Output
10
10
ns
tBA
LB, UB Access Time
70
100
ns
tHZB
LB, UB o High-Z Output
0
25
0
35
ns
tLZB
LB. UB to Low-Z Output
0
0
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, input pulse levels of 0.4V to 1.4V and output
loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
IC62VV12816LL POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-70
-100
Symbol Parameter
TestConditions
Typ(2). Max.
Typ(2). Max.
Unit
ICC1
Vcc Dynamic Operating
VCC = 1.8V,
CE
≤ VIL
Com.
7
15
4
10
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
7
15
4
10
ICC2
Vcc Dynamic Operating
VCC = 1.8V,
CE
≤ VIL
Com.
—2
—2
mA
Supply Current
IOUT = 0 mA, f = 1MHZ
Ind.
2
2
ISB2
CMOS Standby
VCC = Max., Other inputs= 0 - VCC
Com.
0.5
5
0.5
5
µA
Current (CMOS Inputs)
1) CE
≥ VCC – 0.2V (CE controlled)
Ind.
10
10
2)
LB/ UB
≥ VCC – 0.2V (LB/ UB controlled)
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at Vcc=1.8V, Ta=25
°C, and are not guaranteed or tested.


Similar Part No. - IC62VV12816L-100TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV1008L ICSI-IC62VV1008L Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-100B ICSI-IC62VV1008L-100B Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-100BI ICSI-IC62VV1008L-100BI Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-70B ICSI-IC62VV1008L-70B Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62VV1008L-70BI ICSI-IC62VV1008L-70BI Datasheet
212Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV12816L-100TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV51216L ICSI-IC62VV51216L Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
Integrated Silicon Solu...
IS66WV1M16EALL ISSI-IS66WV1M16EALL Datasheet
643Kb / 15P
   ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com