Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC62VV51216L-100TI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC62VV51216L-100TI
Description  512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV51216L-100TI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC62VV51216L-100TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62VV51216L-100TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62VV51216L-100TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV51216L-100TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV51216L-100TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV51216L-100TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV51216L-100TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV51216L-100TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV51216L-100TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Integrated Circuit Solution Inc.
5
LPSR018-0B 9/02/2002
IC62VV51216L
IC62VV51216LL
IC62VV51216L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-70
-100
Symbol Parameter
Test Conditions
Min. Max.
Min.Max.
Unit
ICC1
Vcc Dynamic Operating
VCC = 1.8V
Com.
15
12
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
20
15
ICC2
Vcc Dynamic Operating
VCC = 1.8V
Com.
2.5
2.5
mA
Supply Current
IOUT = 0 mA, f = 1 MHz
Ind.
2.5
2.5
ISB2
CMOS Standby
VCC = Max., other input=0-VCC
Com.
35
35
µA
Current (CMOS Inputs)
1) CE1 ≥ VCC – 0.2V,
Ind.
50
50
(CE1 controlled) or
2) 0V
≤ CE2 ≤ 0.2V (CE2 controlled) or
3)
LB / UB ≥ VCC – 0.2 ( LB / UB controlled)
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 1.4V
Input Rise and Fall Times
5 ns
Input Reference Level
0.9V
Output Reference Level
0.9V
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
5 pF
Including
jig and
scope
OUTPUT
1 TTL
100 pF or 30 pF(for 55ns)
Including
jig and
scope
OUTPUT
1 TTL


Similar Part No. - IC62VV51216L-100TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100B ICSI-IC62VV5128L-100B Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100BI ICSI-IC62VV5128L-100BI Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100H ICSI-IC62VV5128L-100H Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100HI ICSI-IC62VV5128L-100HI Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV51216L-100TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
T15V8M16A ETC-T15V8M16A Datasheet
87Kb / 12P
   512K X 16 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
EM512D16 ETC1-EM512D16 Datasheet
54Kb / 9P
   512K x 16 bit Ultra-Low Power Asynchronous Static RAM
logo
Emerging Memory & Logic...
EM681FV16A EMLSI-EM681FV16A Datasheet
385Kb / 10P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FV16A EMLSI-EM680FV16A Datasheet
96Kb / 11P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV12816L ICSI-IC62VV12816L Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com