Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC89C51A-12PQ Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC89C51A-12PQ
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89C51A-12PQ Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC89C51A-12PQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IC89C51A-12PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC89C51A-12PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC89C51A-12PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC89C51A-12PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC89C51A-12PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC89C51A-12PQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IC89C51A-12PQ Datasheet HTML 11Page - Integrated Circuit Solution Inc IC89C51A-12PQ Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IC89C52(51)A
8
Integrated CircuitSolution Inc.
MC008-0C 11/27/2001
Flash Command Definitions
Bus
First Bus Cycle
Second Bus Cycle
Cycle
Operation
Address
Data
VPP
Operation Address
Data
VPP
Normal Verify
(1)
(n+1)
(2)
P2.6
X
00H
H
P2.7 Low
SA
(3)
SD
(3)
H
Read Signature Byte
4
P2.6
X
90H
H
P2.7 Low
30H
D5H
31H
52H
32H
55H/AAH
Program Code Memory
2
P2.6
X
40H
H
PROG
PA
(3)
PD
(3)
12V/H
Program Verify
(1)
(n+1)
(2)
P2.6
X
C0H
H
P2.7 Low
SA
PVD
(3)
H
Program Lock Bit 1
2
P2.6
X
60H
H
PROG
X
D0H
12V/H
Program Lock Bit 2
2
P2.6
X
70H
H
PROG
X
D0H
12V/H
Program Lock Bit 3
2
P2.6
X
80H
H
PROG
X
D0H
12V/H
Chip Erase
2
P2.6
X
20H
H
PROG
X
D0H
12V/H
Erase Verify
(1)
(n+1)
(2)
P2.6
X
A0H
H
P2.7 Low
EA
(3)
EVD
(3)
H
Note:
1. Normal Verify: Internal flash sense amplifier uses the same threshold as instruction executing threshold.
Program Verify: The flash sense amplifier applies an internally generated higher margin
voltage to the addressed byte. If a comparison between the programmed byte and the true data is successful, there
is a margin exists in the programmed data.
Erase Verify: The flash sense amplifier applies an internally generated lower margin voltage to the addressed
byte. Reading FFH from the addressed byte indicates that all bits in the bytes are erased.
2. To verify n bytes data.
3. SA = Selected Address of memory location to be read except program or erase verify.
SD = Data read from location SA with Normal Verification threshold.
PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
PVD = Data read from location PA during program verify.
EA = Address of memory location to be read during erase verify.
EVD - Data read from location EA during erase verify.
Programming Core Memory
Every code byte in the Flash array can be written and the entire array can be erased using the appropriate command
from Port 0 by programmer or application system. The program/erase are two-cycle operations. The first cycle is command
write cycle; the command 40H is written by P2.6 falling and rising edges. The command would be held a stable value within
P2.6 low state. The command decoder enables programming flag after the first cycle is completion, then the internal
programming flag is set. Rising edge of
PROG will clear internal programming flag, so the programming command must
be presented every programming cycle. The second cycle is real flash programming cycle. The programming address and
data are latched at
PROG falling edge, the programming time is controlled by low time of PROG. The programming flag
is cleared at
PROG rising edge in the second cycle. Programming address range is from 0 to 1FFFH. IC89C52(51)A
programming range is from 0 to 1FFFH, but the program counter will jump to external menory while MCU executing the
address is excess 0FFFH.
The IC89C52(51)A code memory programming now is described in Figure 6.


Similar Part No. - IC89C51A-12PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
IC89C58 ICSI-IC89C58 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
More results

Similar Description - IC89C51A-12PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Siemens Semiconductor G...
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com