Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR244G00502CS Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FBR244G00502CS
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR244G00502CS Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FBR244G00502CS Datasheet HTML 1Page - Fujitsu Component Limited. FBR244G00502CS Datasheet HTML 2Page - Fujitsu Component Limited. FBR244G00502CS Datasheet HTML 3Page - Fujitsu Component Limited. FBR244G00502CS Datasheet HTML 4Page - Fujitsu Component Limited. FBR244G00502CS Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
FBR244 SERIES
NOT
FOR
NEW
DESIGNS
s COIL DATA CHART
1. STANDARD (D type)
MODEL
Nominal
Nominal
Coil
current
Must
Must
Nominal
Operate
Coil
s
s S, P, T, E
resistance (at nominal
operate
release
temperature
voltage
±10%
voltage)
voltage
voltage
power
power
rise
Flux free
Plastic sealed
approx.
FBR244D003/02s
s
FBR244ND003/02s
s
3 VDC
18
167 mA
FBR244D005/02s
s
FBR244ND005/02s
s
5 VDC
50
100 mA
FBR244D006/02s
s
FBR244ND006/02s
s
6 VDC
72
83 mA
FBR244D009/02s
s
FBR244ND009/02s
s
9 VDC
162
56 mA
FBR244D012/02s
s
FBR244ND012/02s
s
12 VDC
290
41 mA
FBR244D024/02s
s
FBR244ND024/02s
s
24 VDC
1,150
21 mA
FBR244D048/02s
s
FBR244ND048/02s
s
48 VDC
4,000
12 mA
580 mW
53 deg
Note: All values in the table are measured at 20
°C.
75% max. 10% min.
Approx.
Approx.
Approx.
of
of
500 mW
280 mW
45 deg
nominal
nominal (at nominal
max.
(at nominal
voltage
voltage
voltage)
voltage)
2. G TYPE
MODEL
Nominal
Nominal
Coil
current
Must
Must
Nominal
Operate
Coil
s
s S, P, T, E
resistance (at nominal
operate
release
temperature
voltage
±10%
voltage)
voltage
voltage
power
power
rise
Flux free
Plastic sealed
approx.
FBR244G005/02s
s
FBR244NG005/02s
s
4.5 VDC
36
125 mA
3.1 VDC 0.20 VDC
FBR244G006/02s
s
FBR244NG006/02s
s
6 VDC
66
91 mA
4.0 VDC 0.27 VDC
FBR244G009/02s
s
FBR244NG009/02s
s
9 VDC
140
64 mA
6.0 VDC 0.38 VDC
FBR244G012/02s
s
FBR244NG012/02s
s
12 VDC
280
43 mA
8.1 VDC 0.55 VDC
FBR244G024/02s
s
FBR244NG024/02s
s
24 VDC
1,050
23 mA
15.8 VDC 1.06 VDC
FBR244G048/02s
s
FBR244NG048/02s
s
48 VDC
4,100
11 mA
30.5 VDC 2.12 VDC
Note: All values in the table are measured at 20
°C.
Approx.
Approx.
Approx.
550 mW
250 mW
50 deg
(at nominal
max.
(at nominal
voltage)
voltage)
s CHARACTERISTIC DATA
Operate time
Coil power (W)
20
10
3
0.5
2
1
5
0.2 0.4 0.6 0.8 1.0 1.2
not including
bounce time
including bounce
time
Range of operation temperature and voltage
[G type 0.55 W type]
Operating temperature (˚C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10203040506070
(Data) assumes
that the maximum
allowable temperatu
of E type insulation
coil is 115˚C
Maximum
allowable
coil
voltage
Operating voltage range
Must operate
voltage
0A
1A
Range of operation temperature and voltage
[Standard 0.5 W type]
Operating temperature (˚C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0 10203040506070
Operating voltage range
Must operate
voltage
Maximum
allowable
coil
voltage
0A
1A
(Data) assumes that the
maximum allowable
temperature of E type
insulation coil is
115˚C


Similar Part No. - FBR244G00502CS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
logo
RFE international
FBR200F RFE-FBR200F Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
FBR200UF RFE-FBR200UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
First Components Intern...
FBR20100 FCI-FBR20100 Datasheet
123Kb / 2P
   20 Amp HV SCHOTTKY BARRIER RECTIFIERS
FBR20100 FCI-FBR20100 Datasheet
70Kb / 2P
   20 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR244G00502CS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com