Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2406X Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2406X
Description  1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2406X Datasheet(HTML) 2 Page - Texas Instruments

  BQ2406X Datasheet HTML 1Page - Texas Instruments BQ2406X Datasheet HTML 2Page - Texas Instruments BQ2406X Datasheet HTML 3Page - Texas Instruments BQ2406X Datasheet HTML 4Page - Texas Instruments BQ2406X Datasheet HTML 5Page - Texas Instruments BQ2406X Datasheet HTML 6Page - Texas Instruments BQ2406X Datasheet HTML 7Page - Texas Instruments BQ2406X Datasheet HTML 8Page - Texas Instruments BQ2406X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
(1)
bq2406x
SLUS689 – JUNE 2006
AVAILABLE OPTIONS
Charge Input Over
Termination
Safety
Power
IC
Pack
Pack Voltage
Devices(1)(2)
Marking
Voltage
Voltage
Enable
Timer
Good
Enable
Temp
Detection
Enable
Status
(Absent)
4.2 V
6.5 V
TMR pin
TMR pin
PG pin
No
TS pin
With timer
bq24060
BPG
enabled
4.2 V
6.5 V
TMR pin
TMR pin
PG pin
CE pin
No
With timer
bq24061
BPH
enabled
4.2 V
6.5 V
TE pin
TMR pin
No
CE pin
No
With termination
bq24063
Preview
enabled
4.2 V
10.5 V
TMR pin
TMR pin
PG pin
No
TS pin
With timer
bq24064
BSA
enabled
(1)
The bq2406x are only available taped and reeled. Add suffix R to the part number for quantities of 3,000 devices per reel (e.g.,
bq24060BPGR). Add suffix T to the part number for quantities of 250 devices per reel (e.g., bq24060DRCT).
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
bq2406x
Supply voltage (IN with respect to Vss)
–0.3 V to 18 V(2)
Input voltage on IN, STATx, PG, TS, CE, TE, TMR (all with respect to Vss)
–0.3 V to V(IN)
Input voltage on OUT, BAT, ISET (all with respect to Vss)
–0.3 V to 7 V
Output sink current (STATx) + PG
15 mA
Output current (OUT pins)
1.5 A
TA
Operating free-air temperature range
–40
°C to 125°C
Tstg
Storage temperature range
–65
°C to 150°C
TJ
Junction temperature range
–40
°C to 150°C
Lead temperature (Soldering, 10 sec)
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability
(2)
The bq2406x device can withstand up to 26 V for a maximum of 87 hours.
MIN
TYP
MAX
UNIT
V(IN)
Supply voltage range
Battery absent detection not functional
3.5
16.5
V
V(IN)
Supply voltage range
Battery absent detection functional
4.35
16.5
V
TJ
Junction temperature
0
125
°C
PACKAGE
θ
JC (°C/W)
θ
JA (°C/W)
10-pin DRC
3.21
46.87
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu
pad on the board. This is connected to the ground plane by a 2×3 via matrix.
2
Submit Documentation Feedback


Similar Part No. - BQ2406X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2406X TI-BQ2406X Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results

Similar Description - BQ2406X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com