Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS81C1404E-HG Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GMS81C1404E-HG
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GMS81C1404E-HG Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GMS81C1404E-HG Datasheet HTML 6Page - List of Unclassifed Manufacturers GMS81C1404E-HG Datasheet HTML 7Page - List of Unclassifed Manufacturers GMS81C1404E-HG Datasheet HTML 8Page - List of Unclassifed Manufacturers GMS81C1404E-HG Datasheet HTML 9Page - List of Unclassifed Manufacturers GMS81C1404E-HG Datasheet HTML 10Page - List of Unclassifed Manufacturers GMS81C1404E-HG Datasheet HTML 11Page - List of Unclassifed Manufacturers GMS81C1404E-HG Datasheet HTML 12Page - List of Unclassifed Manufacturers GMS81C1404E-HG Datasheet HTML 13Page - List of Unclassifed Manufacturers GMS81C1404E-HG Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
GMS81C1404/GMS81C1408
6
SEP. 2004 Ver 1.3
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
RA0~RA7: RA is an 8-bit, CMOS, bidirectional I/O port.
RA pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(RAIO).
In addition, RA serves the functions of the various special
features in Table 5-1 .
RB0~RB7: RB is a 8-bit, CMOS, bidirectional I/O port.
RB pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(RBIO).
RB serves the functions of the various following special
features in Table 5-2
RC3~RC6: RC is a 4-bit, CMOS, bidirectional I/O port.
RC pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(RCIO).
RC serves the functions of the serial interface following
special features in Table 5-3 .
RD0~RD2: RD is a 3-bit, CMOS, bidirectional I/O port.
RC pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(RDIO).
RD serves the functions of the external interrupt following
special features in Table 5-4
Port pin
Alternate function
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
EC0 ( Event Counter Input Source )
AN1 ( Analog Input Port 1 )
AN2 ( Analog Input Port 2 )
AN3 ( Analog Input Port 3 )
AN4 ( Analog Input Port 4 )
AN5 ( Analog Input Port 5 )
AN6 ( Analog Input Port 6 )
AN7 ( Analog Input Port 7 )
Table 5-1 RA Port
Port pin
Alternate function
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
AN0 ( Analog Input Port 0 )
AVref ( External Analog Reference Pin )
BUZ ( Buzzer Driving Output Port )
INT0 ( External Interrupt Input Port 0 )
INT1 ( External Interrupt Input Port 1 )
PWM0 (PWM0 Output)
COMP0 (Timer1 Compare Output)
PWM1 (PWM1 Output)
COMP1 (Timer3 Compare Output)
EC1 (Event Counter Input Source)
TMR2OV (Timer2 Overflow Output)
Table 5-2 RB Port
Port pin
Alternate function
RC3
RC4
RC5
RC6
SRDYIN (SPI Ready Input)
SRDYOUT (SPI Ready Output)
SCKI (SPI CLK Input)
SCKO (SPI CLK Output)
SIN (SPI Serial Data Input)
SOUT (SPI Serial Data Output)
Table 5-3 RC Port
Port pin
Alternate function
RD0
RD1
RD2
INT2 (External Interrupt Input Port 2)
INT3 (External Interrupt Input Port 3)
Table 5-4 RD Port


Similar Part No. - GMS81C1404E-HG

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1404ED HYNIX-GMS81C1404ED Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404ESK HYNIX-GMS81C1404ESK Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C1404E-HG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com