Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XP304 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2XP304
Description  High-Frequency Programmable PECL Clock Generation Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP304 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2XP304 Datasheet HTML 3Page - Cypress Semiconductor CY2XP304 Datasheet HTML 4Page - Cypress Semiconductor CY2XP304 Datasheet HTML 5Page - Cypress Semiconductor CY2XP304 Datasheet HTML 6Page - Cypress Semiconductor CY2XP304 Datasheet HTML 7Page - Cypress Semiconductor CY2XP304 Datasheet HTML 8Page - Cypress Semiconductor CY2XP304 Datasheet HTML 9Page - Cypress Semiconductor CY2XP304 Datasheet HTML 10Page - Cypress Semiconductor CY2XP304 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CY2XP304
Document #: 38-07589 Rev. *B
Page 10 of 11
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimensions
CyberClocks is a trademark of Cypress Semiconductor. All product and company names mentioned in this document may be the
trademarks of their respective holders.
Ordering Information
Ordering Code
Package Type
Operating Range
Operating Voltage
CY2XP304BVC
36-lead VFBGA
Commercial, to 400 MHz
3.3V
CY2XP304BVCT
36-lead VFBGA – Tape and Reel Commercial, to 400 MHz
3.3V
CY2XP304BVI
36-lead VFBGA
Industrial, to 400 MHz
3.3V
CY2XP304BVIT
36-lead VFBGA – Tape and Reel Industrial, to 400 MHz
3.3V
36-Lead VFBGA (6 x 8 x 1 mm) BV36A
51-85149-*B
Dimensions are in mm.


Similar Part No. - CY2XP304

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP306 CYPRESS-CY2XP306 Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
CY2XP306BVXI CYPRESS-CY2XP306BVXI Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
CY2XP306BVXIT CYPRESS-CY2XP306BVXIT Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
More results

Similar Description - CY2XP304

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP306 CYPRESS-CY2XP306 Datasheet
218Kb / 9P
   High-frequency Programmable PECL Clock Generation Module
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
   High Frequency Programmable PECL Clock Generator
CY2213 CYPRESS-CY2213 Datasheet
103Kb / 10P
   High-Frequency Programmable PECL Clock Generator
logo
Pletronics, Inc.
PE8845DEV PLETRONICS-PE8845DEV Datasheet
157Kb / 8P
   PE88D Single Frequency PECL Clock Oscillator
VPU7029036EG000050 PLETRONICS-VPU7029036EG000050 Datasheet
155Kb / 8P
   High Frequency PECL VCXO
logo
Golledge Electronics Lt...
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
   HIGH FREQUENCY PECL VCXO
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com