Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23020-3 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY23020-3
Description  10-output, 400-MHz LVPECL Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23020-3 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY23020-3 Datasheet HTML 1Page - Cypress Semiconductor CY23020-3 Datasheet HTML 2Page - Cypress Semiconductor CY23020-3 Datasheet HTML 3Page - Cypress Semiconductor CY23020-3 Datasheet HTML 4Page - Cypress Semiconductor CY23020-3 Datasheet HTML 5Page - Cypress Semiconductor CY23020-3 Datasheet HTML 6Page - Cypress Semiconductor CY23020-3 Datasheet HTML 7Page - Cypress Semiconductor CY23020-3 Datasheet HTML 8Page - Cypress Semiconductor CY23020-3 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY23020-3
Document #: 38-07473 Rev. *A
Page 6 of 9
Note:
9.
The above configuration may provide better termination at the FBIN input.
All board transmission lines
50
Ω and 0.57ns propagation delay
.
FBOUT+
2.3ns
FBOUT-
Q1+
Q5+
Q5-
C Selected to
produce 1-2.5V/ns at
pin
0.57ns
Q1-
CL
Q4+
Q4-
CL
100
100
100
PULSE
GEN
FBIN-
+
REF-
=
REF+
FBIN+
FBIN+ OUT
50
REFIN+ OUT
50
REFIN- OUT
FBIN+ OUT
450
450
100
50
50
Figure 3. Test Set-up 2 Example[9]


Similar Part No. - CY23020-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
More results

Similar Description - CY23020-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
CY2SSTU877 CYPRESS-CY2SSTU877 Datasheet
217Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY2SSTU877 CYPRESS-CY2SSTU877_06 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com