Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV2568LL-70B Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS62LV2568LL-70B
Description  256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV2568LL-70B Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS62LV2568LL-70B Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62LV2568LL-70B Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV2568LL-70B Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV2568LL-70B Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV2568LL-70B Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV2568LL-70B Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV2568LL-70B Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV2568LL-70B Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV2568LL-70B Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated Circuit Solution Inc.
1
SR025_0C
IS62LV2568L
IS62LV2568LL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
1+51 IS62LV2568L and IS62LV2568LL are low power
and low VCC, 262,144-bit words by 8 bits CMOS static RAMs.
They are fabricated using
1+51's high-performance CMOS
technology. This highly reliable process coupled with innova-
tive circuit design techniques, yields higher performance and
low power consumption devices.
When CE1 is HIGH or CE2 is LOW (deselected), the device
assumes a standby mode at which the power dissipation can
be reduced by using CMOS input levels.
Easy memory expansion is provided by using two Chip Enable
inputs, CE1 and CE2. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IS62LV2568L and IS62LV2568LL are available in 32-pin
8*20mm TSOP-1, 8*13.4mm TSOP-1 and 48-pin 6*8mm TF-
BGA.
FUNCTIONAL BLOCK DIAGRAM
A0-A17
CE2
OE
WE
2048 x 128 x 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
CE1
IS62LV2568L
IS62LV2568LL
256K x 8 LOW POWER and LOW V++
CMOS STATIC RAM
FEATURES
• Access times of 55, 70, 100 ns
• Low active power: 126 mW (max, L, LL)
• Low standby power: 36 µW (max, L) and 7.2
µW (max, LL) CMOS standby
• Low data retention voltage: 1.5V (min.)
• Available in Low Power (-L) and Ultra-Low
Power (-LL)
• Output Enable (OE) and two Chip Enable
• TTL compatible inputs and outputs
• Single 2.7V-3.6V power supply
• Available in the 32-pin 8x20mm TSOP-1, 32-pin
8x13.4mm TSOP-1 and 48-pin 6*8mm TF-BGA


Similar Part No. - IS62LV2568LL-70B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL-70B ISSI-IS62LV2568LL-70B Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70BI ISSI-IS62LV2568LL-70BI Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results

Similar Description - IS62LV2568LL-70B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Samsung semiconductor
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
logo
Taiwan Memory Technolog...
T15V4M16A TMT-T15V4M16A Datasheet
90Kb / 12P
   256K X 16 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com