Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS23SC4442 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS23SC4442
Description  256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC4442 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS23SC4442 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC4442 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC4442 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC4442 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS23SC4442 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS23SC4442 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS23SC4442 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS23SC4442 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS23SC4442 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00B
08/01/03
IS23SC4442
ISSI®
Read Protection Memory
The command reads out 32 bits to I/O on continuous 32
clock pulses. By an additional clock pulse, the I/O is set
to high level. The protection memory can always be
read.
Figure: Read Protection Memory
Address (decimal)
Main Memory
Protection Memory
Security Memory
255
Data Byte 255 (D7 ...D0)
——
::
——
32
Data Byte 32 (D7 ... D0)
——
31
Data Byte 31 (D7...D0)
Protection Bit 31 (D31)
::
:
1
Data Byte 1 (D7 ... D0)
Protection Bit 1 (D1)
Reference Data Byte 1
(D7...D0)
0
Data Byte 0 (D7 ... D0)
Protection Bit 0 (D0)
Error Counter
B7
B6
B5
B4
B3
B2
B1
B0
Control
Address
Data
A7... A0
D7... D0
0
0
1
1
0
1
0
0
No Effect
No Effect
34
H
Binary
Hexadecimal
No Effect
No Effect
0
1
24
32
D31
B7
B0
Command
CLK
I/O
IC sets I/O
To Level Z
Start
from IFD
...
..
..
...
24
0
1
..
..
D0
D1
D8
D9
D24
Stop
from IFD
Start of
Outgoing Data
Data of
Byte 1
Data of
Byte 2
Data of
byte 4
IFD set I/O
to level L
Outgoing Data


Similar Part No. - IS23SC4442

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4418 ISSI-IS23SC4418 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2 ISSI-IS23SC4428-X2 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2I ISSI-IS23SC4428-X2I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3 ISSI-IS23SC4428-X3 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3I ISSI-IS23SC4428-X3I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
More results

Similar Description - IS23SC4442

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE5542 INFINEON-SLE5542 Datasheet
128Kb / 6P
   Intelligent 256-Byte EEPROM with Write Protection function and Programmable Security Code
2006-05-19
logo
Integrated Silicon Solu...
IS23SC4418 ISSI-IS23SC4418 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
logo
Fairchild Semiconductor
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
Ceramate Technical
24LC02 CERAMATE-24LC02 Datasheet
225Kb / 12P
   2048-Bits Serial EEPROM with Write Protect
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
KODENSHI_AUK CORP.
KK4428 KODENSHI-KK4428 Datasheet
292Kb / 9P
   1?-byte EEPROM microcircuit with function of protection for writing and programmable secret code.
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com