Electronic Components Datasheet Search |
|
N74F1245N Datasheet(PDF) 3 Page - NXP Semiconductors |
|
N74F1245N Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 10 page Philips Semiconductors Product specification 74F1245 Octal transceiver (3-State) 1995 Mar 01 3 LOGIC SYMBOL (IEEE/IEC) SF00649 G3 19 3EN1 (BA) 1 3EN2 (AB) ∇ 1 2 ∇ 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 FUNCTION TABLE INPUTS INPUTS/OUTPUTS OE T/R An Bn L L A = B INPUTS L H INPUTS B = A H X Z Z H = High voltage level L = Low voltage level X = Don’t care Z = High impedance “off” state LOGIC DIAGRAM SF00201 18 B0 17 B1 16 B2 15 B3 14 B4 13 B5 12 B6 11 B7 A0 A1 A2 A3 A4 A5 A6 A7 23 4567 89 19 1 OE T/R VCC = Pin 20 GND = Pin 10 ABSOLUTE MAXIMUM RATINGS (Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL PARAMETER RATING UNIT VCC Supply voltage –0.5 to +7.0 V VIN Input voltage –0.5 to +7.0 V IIN Input current –30 to +5 mA VOUT Voltage applied to output in High output state –0.5 to +5.5 V IO Current applied to output in Low output state A0–A7 48 mA IOUT Current applied to output in Low output state B0–B7 128 mA Tamb Operating free-air temperature range 0 to +70 °C Tstg Storage temperature range –65 to +150 °C |
Similar Part No. - N74F1245N |
|
Similar Description - N74F1245N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |