Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV2568LL-55BI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS62LV2568LL-55BI
Description  256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV2568LL-55BI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS62LV2568LL-55BI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62LV2568LL-55BI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV2568LL-55BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV2568LL-55BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV2568LL-55BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV2568LL-55BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV2568LL-55BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV2568LL-55BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV2568LL-55BI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Integrated Circuit Solution Inc.
SR025_0C
IS62LV2568L
IS62LV2568LL
IS62LV2568L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-55
-70
-100
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating VCC = Max.,
Com.
—
40
—
30
—
20
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
45
—
35
—
25
ISB
TTL Standby Current
VCC = Max.,
Com.
—
0.4
—
0.4
—
0.4
mA
(TTL Inputs)
VIN = VIH or VIL,
Ind.
—
1.0
—
1.0
—
1.0
CE1 ≥ VIH or CE2 ≤ VIL, f = 0
ISB
CMOS Standby
VCC = Max., f = 0
Com.
—
35
—
35
—
35
µA
Current (CMOS Inputs)
CE1 ≥ VCC – 0.2V,
Ind.
—
50
—
50
—
50
CE2 ≤ 0.2V,
or VIN ≥ VCC – 0.2V, VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
IS62LV2568LL POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-55
-70
-100
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating VCC = Max.,
Com.
—
40
—
30
—
20
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
45
—
35
—
25
ISB
TTL Standby Current
VCC = Max.,
Com.
—
0.4
—
0.4
—
0.4
mA
(TTL Inputs)
VIN = VIH or VIL,
Ind.
—
1.0
—
1.0
—
1.0
CE1 ≥ VIH or CE2 ≤ VIL, f = 0
ISB
CMOS Standby
VCC = Max., f = 0
Com.
—
10
—
10
—
10
µA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
—
15
—
15
—
15
CE2 ≤ 0.2V,
or VIN ≥ VCC – 0.2V, VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IS62LV2568LL-55BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL-70B ISSI-IS62LV2568LL-70B Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70BI ISSI-IS62LV2568LL-70BI Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70H ISSI-IS62LV2568LL-70H Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70HI ISSI-IS62LV2568LL-70HI Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70T ISSI-IS62LV2568LL-70T Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results

Similar Description - IS62LV2568LL-55BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Samsung semiconductor
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
logo
Taiwan Memory Technolog...
T15V4M16A TMT-T15V4M16A Datasheet
90Kb / 12P
   256K X 16 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com