Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61S25636D-200TQ Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC61S25636D-200TQ
Description  8Mb SyncBurst Pipelined SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61S25636D-200TQ Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC61S25636D-200TQ Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61S25636D-200TQ Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61S25636D-200TQ Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61S25636D-200TQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61S25636D-200TQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61S25636D-200TQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61S25636D-200TQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61S25636D-200TQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61S25636D-200TQ Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
IC61S25632T/D IC61S25636T/D
IC61S51218T/D
4
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
NC
DQb8
DQb7
VCCQ
GND
DQb6
DQb5
DQb4
DQb3
GND
VCCQ
DQb2
DQb1
GND
SCD
VCC
ZZ
DQa8
DQa7
VCCQ
GND
DQa6
DQa5
DQa4
DQa3
GND
VCCQ
DQa2
DQa1
NC
NC
DQc1
DQc2
VCCQ
GND
DQc3
DQc4
DQc5
DQc6
GND
VCCQ
DQc7
DQc8
VCC
XQ
GND
DQd1
DQd2
VCCQ
GND
DQd3
DQd4
DQd5
DQd6
GND
VCCQ
DQd7
DQd8
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC
PIN CONFIGURATION
119-pin PBGA (Top View)
100-Pin TQFP (D Version)
256K x 32
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A2-A17
Synchronous Address Inputs
CLK
Synchronous Clock
ADSP
Synchronous Processor Address
Status
ADSC
Synchronous Controller Address
Status
ADV
Synchronous Burst Address Advance
BWa -BWd
Synchronous Byte Write Enable
BWE
Synchronous Byte Write Enable
GW
Synchronous Global Write Enable
CE , CE2
Synchronous Chip Enable
OE
Output Enable
DQa-DQd
Synchronous Data Input/Output
MODE
Burst Sequence Mode Selection
SCD
Single Cycle Deselect/Dual Cycle
Deselect Mode Control
XQ
Output Drive Control
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply : +3.3V
or 2.5V
ZZ
Snooze Enable
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VCCQ
NC
NC
DQc1
DQc2
VCCQ
DQc5
DQc7
VCCQ
DQd1
DQd4
VCCQ
DQd6
DQd8
NC
NC
VCCQ
SA
CE2
SA
NC
DQc3
DQc4
DQc6
DQc8
VCC
DQd2
DQd3
DQd5
DQd7
NC
SA
NC
NC
SA
SA
SA
GND
GND
GND
BWc
GND
NC
GND
BWd
GND
GND
GND
MODE
SA
NC
ADSP
ADSC
VCC
XQ
CE
OE
ADV
GW
VCC
CLK
SCD
BWE
A1
A0
VCC
SA
NC
SA
SA
SA
GND
GND
GND
BWb
GND
NC
GND
BWa
GND
GND
GND
NC
SA
NC
SA
SA
SA
NC
DQb6
DQb5
DQb4
DQb2
VCC
DQa7
DQa5
DQa4
DQa3
NC
SA
NC
NC
VCCQ
NC
NC
DQb8
DQb7
VCCQ
DQb3
DQb1
VCCQ
DQa8
DQa6
VCCQ
DQa2
DQa1
NC
ZZ
VCCQ
1
2
3
4
5
6
7
Note:Ball R5 connecting to VCC is acceptable
Note:pin 14 connecting to VCC is acceptable


Similar Part No. - IC61S25636D-200TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117PQ ICSI-IC61S6432-117PQ Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117PQI ICSI-IC61S6432-117PQI Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117TQ ICSI-IC61S6432-117TQ Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117TQI ICSI-IC61S6432-117TQI Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IC61S25636D-200TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
logo
Micron Technology
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
MT58L1MY18D MICRON-MT58L1MY18D Datasheet
526Kb / 34P
   16Mb SYNCBURST??SRAM
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com