Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C32B Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS24C32B
Description  64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C32B Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS24C32B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C32B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C32B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C32B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C32B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C32B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C32B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C32B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C32B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/12/06
IS24C32A/B
IS24C64A/B
ISSI®
>
CONTROL
LOGIC
SLAVE ADDRESS
REGISTER &
COMPARATOR
WORD ADDRESS
COUNTER
HIGH VOLTAGE
GENERATOR,
TIMING & CONTROL
EEPROM
ARRAY
Y
DECODER
DATA
REGISTER
Clock
DI/O
ACK
8
5
6
7
4
GND
WP
SCL
SDA
Vcc
nMOS
1
2
3
A2
A1
A0
PIN DESCRIPTIONS
A0-A2
Address Inputs
SDA
Serial Address/Data I/O
SCL
Serial Clock Input
WP
Write Protect Input
Vcc
Power Supply
GND
Ground
SCL
This input clock pin is used to synchronize the data
transfer to and from the device.
SDA
The SDA is a Bi-directional pin used to transfer addresses
and data into and out of the device. The SDA pin is an open
drain output and can be wire-Ored with other open drain
or open collector outputs. The SDA bus
requires a pullup
resistor to Vcc.
A0, A1, A2
The A0, A1 and A2 are the device address inputs that are
hardwired or left not connected for hardware compatibility
with the 24C16. When pins are hardwired, as many as eight
32K/64K devices may be addressed on a single bus
system. When the pins are not hardwired, the default values
of A0, A1, and A2 are zero.
PIN CONFIGURATION
8-Pin DIP, SOIC, TSSOP, and MSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
FUNCTIONAL BLOCK DIAGRAM
WP
WP is the Write Protect pin. The input level determines if all,
partial, or none of the array is protected from modifications.
Write Protection
Array Addresses Protected
WP
IS24C32A/64A
IS24C32B
IS24C64B
GND or floating
None
None
None
Vcc
Entire Array
C00h
1800h
-FFFh
-1FFFh


Similar Part No. - IS24C32B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32-2 ISSI-IS24C32-2 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32-3 ISSI-IS24C32-3 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32C-2DLI ISSI-IS24C32C-2DLI Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32C-2GLI ISSI-IS24C32C-2GLI Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C32B

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
E-CMOS Corporation
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com