Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24L128 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS24L128
Description  128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24L128 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS24L128 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24L128 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24L128 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24L128 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24L128 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24L128 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24L128 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24L128 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24L128 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
ADVANCEDINFORMATION
Rev. 00B
03/21/06
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
IS24L128
IS24L256
128K-bit/ 256K-bit
2-WIRE SERIAL CMOS EEPROM
ADVANCED INFORMATION
APRIL 2006
DESCRIPTION
The IS24L128 and IS24L256 are electrically erasable
PROM devices that use the standard 2-wire interface
for communications. The IS24L128 and IS24CL256
contain a memory array of 128K-bits (16K x 8) and
256K-bits (32 x 8), respectively. Each device is
organized into 64 byte pages for page write mode.
This EEPROM operates in a voltage range of 1.8V to
3.6V for low voltage and standard voltage application
levels. ISSI designed this device family to be a
practical, low-power 2-wire EEPROM solution. The
devices are available in 8-pin PDIP, 8-pin (JEDEC)
SOIC, and 8-pin (EIAJ) SOIC packages.
The IS24L128/256 maintains compatibility with the
popular 2-wire bus protocol, so it is easy to design into
applications implementing this bus type. The simple
bus consists of the Serial Clock wire (SCL) and the
Serial Data wire (SDA). Using the bus, a Master device
such as a microcontroller is usually connected to one
or more Slave devices such as the IS24L128/256. The
bit stream over the SDA line includes a series of bytes,
which identifies a particular Slave device, an
instruction, an address within that Slave device, and a
series of data, if appropriate. The IS24L128/256 has a
Write Protect pin (WP) to allow blocking of any write
instruction transmitted over the bus.
FEATURES
• Two-Wire Serial Interface, I2CTM compatible
–Bi-directional data transfer protocol
• Low Voltage and Standard Voltage Operation
–Vcc = 1.8V to 3.6V
• 400 KHz (1.8V) and 1 MHz (2.5V, 2.7V, 3.6V)
compatibility
• Low Power CMOS Technology
–Active Current less than 3 mA (3.6V)
–Stanby Current less than 3 µA (3.6V)
–Standby Current less than 1 µA (1.8V)
• Hardware Data Protection
–Write Protect Pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• Self time write cycle with auto clear
–5 ms max @ 1.8V
• Organization:
IS24L128–16Kx8 (256 pages of 64 bytes)
IS24L256–32Kx8 (512 pages of 64 bytes)
• 64 Byte Page Write Buffer
• High Reliability
–Endurance: 1,000,000 Cycles
–Data Retention: 40 Years
• Industrial temperature range
• 8-pin PDIP, 8-pin (JEDEC) SOIC, and 8-pin
(EIAJ) SOIC packages
• Lead-free available


Similar Part No. - IS24L128

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS240-24 PAIRUI-IS240-24 Datasheet
762Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS240-24 PAIRUI-IS240-24 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS240-48 PAIRUI-IS240-48 Datasheet
762Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS240-48 PAIRUI-IS240-48 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
logo
XP Power Limited
IS2403SA XPPOWER-IS2403SA Datasheet
59Kb / 1P
   DC-DC Power Supplies
More results

Similar Description - IS24L128

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com