Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24L256-2GI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS24L256-2GI
Description  128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24L256-2GI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS24L256-2GI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24L256-2GI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24L256-2GI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24L256-2GI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24L256-2GI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24L256-2GI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24L256-2GI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24L256-2GI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24L256-2GI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
ADVANCEDINFORMATION
Rev. 00B
03/21/06
ISSI®
IS24L128
IS24L256
DC ELECTRICAL CHARACTERISTICS
Industrial (TA = -40oC to +85oC)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOL1
Output Low Voltage
VCC = 1.8V, IOL = 0.15 mA
0.2
V
VOL2
Output Low Voltage
VCC = 3.0V, IOL = 2.1 mA
0.4
V
VIH
Input High Voltage
VCC X 0.7 VCC + 0.5
V
VIL
Input Low Voltage
–0.6
VCC X 0.3
V
ILI
Input Leakage Current
VIN = VCC max.
3
µA
ILO
Output Leakage Current
3
µA
AC ELECTRICAL CHARACTERISTICS
Industrial (TA = -40oC to +85oC)
1.8V
≤≤≤≤≤ Vcc < 2.5V
2.5V
≤≤≤≤≤ Vcc ≤≤≤≤≤ 3.6V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fSCL
SCL Clock Frequency
0
400
0
1000
KHz
T
Noise Suppression Time(1)
—50
50
ns
tLow
Clock Low Period
1.2
0.6
µs
tHigh
Clock High Period
0.6
0.4
µs
tBUF
Bus Free Time Before New Transmission(1)
1.2
0.5
µs
tSU:STA
Start Condition Setup Time
0.6
0.25
µs
tSU:STO
Stop Condition Setup Time
0.6
0.25
µs
tHD:STA
Start Condition Hold Time
0.6
0.25
µs
tHD:STO
Stop Condition Hold Time
0.6
0.25
µs
tSU:DAT
Data In Setup Time
100
100
ns
tHD:DAT
Data In Hold Time
0
0
ns
tSU:WP
WP pin Setup Time
0.6
0.6
µs
tHD:WP
WP pin Hold Time
1.2
1.2
µs
tDH
Data Out Hold Time (SCL Low to SDA Data Out Change)
50
50
ns
tAA
Clock to Output (SCL Low to SDA Data Out Valid)
50
900
50
400
ns
tR
SCL and SDA Rise Time(1)
300
300
ns
tF
SCL and SDA Fall Time(1)
300
100
ns
tWR
Write Cycle Time
5
5
ms
Notes:
1. This parameter is characterized but not 100% tested.
POWER SUPPLY CHARACTERISTICS
Industrial (TA = -40oC to +85oC)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating Current
Read at 400 KHz (Vcc = 3.6V)
2.0
mA
ICC2
Vcc Operating Current
Write at 400 KHz (Vcc = 3.6V)
3.0
mA
ISB1
Standby Current
Vcc = 1.8V
1
µA
ISB2
Standby Current
Vcc = 3.6V
3
µA
Notes: VIL min and VIH max are reference only and are not tested.


Similar Part No. - IS24L256-2GI

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS240-24 PAIRUI-IS240-24 Datasheet
762Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS240-24 PAIRUI-IS240-24 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS240-48 PAIRUI-IS240-48 Datasheet
762Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS240-48 PAIRUI-IS240-48 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
logo
XP Power Limited
IS2403SA XPPOWER-IS2403SA Datasheet
59Kb / 1P
   DC-DC Power Supplies
More results

Similar Description - IS24L256-2GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com