Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C32A-2PI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS25C32A-2PI
Description  32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C32A-2PI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS25C32A-2PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C32A-2PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C32A-2PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C32A-2PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C32A-2PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25C32A-2PI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25C32A-2PI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25C32A-2PI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25C32A-2PI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
Preliminary Information
Rev. 00E
02/07/06
IS25C32A
IS25C64A
ISSI®
AC Characteristics
TA = –40°C to +85°C for Industrial.
1.8V
≤≤≤≤≤ Vcc < 2.5V
2.5V
≤≤≤≤≤ Vcc < 4.5V
4.5V
≤≤≤≤≤ Vcc ≤≤≤≤≤ 5.5V
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
fSCK
SCK Clock Frequency
0
2
0
5
0
10
MHz
tRI
Input Rise Time
2
2
2
µs
tFI
Input Fall Time
2
2
2
µs
tWH
SCK High Time
200
90
40
ns
tWL
SCK Low Time
200
90
40
ns
tCS
CS High Time
200
100
40
ns
tCSS
CS Setup Time
200
90
40
ns
tCSH
CS Hold Time
200
90
25
ns
tSU
Data In Setup Time
40
20
15
ns
tH
Data In Hold Time
50
30
15
ns
tHD
Hold Setup Time
100
50
25
ns
tCD
Hold Hold Time
100
50
25
ns
tV
Output Valid
0
150
0
60
0
25
ns
tHO
Output Hold Time
0
0
0
ns
tLZ
Hold to Output Low Z
0
100
0
50
0
25
ns
tHZ
Hold to Output High Z
250
100
25
ns
tDIS
Output Disable Time
250
100
25
ns
tWC
Write Cycle Time
10
5
5
ms
CL = 100pF


Similar Part No. - IS25C32A-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C32A-2PI ISSI-IS25C32A-2PI Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C32A-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com