Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61SF51218D-9.5TQI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC61SF51218D-9.5TQI
Description  8Mb SyncBurst Flow through SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61SF51218D-9.5TQI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC61SF51218D-9.5TQI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61SF51218D-9.5TQI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61SF51218D-9.5TQI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61SF51218D-9.5TQI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61SF51218D-9.5TQI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61SF51218D-9.5TQI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61SF51218D-9.5TQI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61SF51218D-9.5TQI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61SF51218D-9.5TQI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IC61SF25632T/D IC61SF25636T/D
IC61SF51218T/D
4
Integrated Circuit Solution Inc.
SSR020-0A 9/03/2002
NC
DQb8
DQb7
VCCQ
GND
DQb6
DQb5
DQb4
DQb3
GND
VCCQ
DQb2
DQb1
GND
NC
VCC
ZZ
DQa8
DQa7
VCCQ
GND
DQa6
DQa5
DQa4
DQa3
GND
VCCQ
DQa2
DQa1
NC
NC
DQc1
DQc2
VCCQ
GND
DQc3
DQc4
DQc5
DQc6
GND
VCCQ
DQc7
DQc8
GND/NC
VCC
XQ
GND
DQd1
DQd2
VCCQ
GND
DQd3
DQd4
DQd5
DQd6
GND
VCCQ
DQd7
DQd8
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN CONFIGURATION
119-pin PBGA (Top View)
100-Pin TQFP (D Version)
256K x 32
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A2-A17
Synchronous Address Inputs
CLK
Synchronous Clock
ADSP
Synchronous Processor Address
Status
ADSC
Synchronous Controller Address
Status
ADV
Synchronous Burst Address Advance
BWa -BWd
Synchronous Byte Write Enable
BWE
Synchronous Byte Write Enable
GW
Synchronous Global Write Enable
CE , CE2
Synchronous Chip Enable
OE
Output Enable
DQa-DQd
Synchronous Data Input/Output
MODE
Burst Sequence Mode Selection
XQ
Output Drive Control
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply : +3.3V
or 2.5V
ZZ
Snooze Enable
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VCCQ
NC
NC
DQc1
DQc2
VCCQ
DQc5
DQc7
VCCQ
DQd1
DQd4
VCCQ
DQd6
DQd8
NC
NC
VCCQ
SA
CE2
SA
NC
DQc3
DQc4
DQc6
DQc8
VCC
DQd2
DQd3
DQd5
DQd7
NC
SA
NC
NC
SA
SA
SA
GND
GND
GND
BWc
GND
NC
GND
BWd
GND
GND
GND
MODE
SA
NC
ADSP
ADSC
VCC
XQ
CE
OE
ADV
GW
VCC
CLK
NC
BWE
A1
A0
VCC
SA
NC
SA
SA
SA
GND
GND
GND
BWb
GND
NC
GND
BWa
GND
GND
GND
GND/NC
SA
NC
SA
SA
SA
NC
DQb6
DQb5
DQb4
DQb2
VCC
DQa7
DQa5
DQa4
DQa3
NC
SA
NC
NC
VCCQ
NC
NC
DQb8
DQb7
VCCQ
DQb3
DQb1
VCCQ
DQa8
DQa6
VCCQ
DQa2
DQa1
NC
ZZ
VCCQ
1
2
3
4
5
6
7
Note:Ball R5 no connection is acceptable
Note:Pin 14 no connection is acceptable


Similar Part No. - IC61SF51218D-9.5TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10B ICSI-IC61SF12832-10B Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10TQ ICSI-IC61SF12832-10TQ Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10TQI ICSI-IC61SF12832-10TQI Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-12B ICSI-IC61SF12832-12B Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
More results

Similar Description - IC61SF51218D-9.5TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L1MY18D MICRON-MT58L1MY18D Datasheet
526Kb / 34P
   16Mb SYNCBURST??SRAM
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
List of Unclassifed Man...
GS882Z18B-100 ETC-GS882Z18B-100 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
GSI Technology
GS881Z18T GSI-GS881Z18T Datasheet
523Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS880Z18T-100 GSI-GS880Z18T-100 Datasheet
404Kb / 25P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com