Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR244NG00902CT-2-UL Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR244NG00902CT-2-UL
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR244NG00902CT-2-UL Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR244NG00902CT-2-UL Datasheet HTML 1Page - Fujitsu Component Limited. FBR244NG00902CT-2-UL Datasheet HTML 2Page - Fujitsu Component Limited. FBR244NG00902CT-2-UL Datasheet HTML 3Page - Fujitsu Component Limited. FBR244NG00902CT-2-UL Datasheet HTML 4Page - Fujitsu Component Limited. FBR244NG00902CT-2-UL Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FBR244 SERIES
NOT
FOR
NEW
DESIGNS
s SAFETY STANDARD AND FILE NUMBERS
UL114 (File No. E63615)
C22.2 No. 14 (File No. LR40304 or LR64026)
Nominal voltage
Contact rating
3 to 48 VDC
2 A 28 VDC resistive
0.5 A 120 VAC resistive
Item
S contact
P contact
T contact
E contact
Contact
Arrangement
2 form C (DPDT)
Style
Single
Bifurcated
Material
Gold-overlay
Gold-overlay
Gold-overlay
Gold-overlay
silver
silver-palladium
silver
silver-palladium
Resistance (initial)
Maximum 100 m
Ω (at 0.1 A 6 VDC)
Ratings
0.5 A 120 VAC or 1 A 30 VDC (resistive load)
Maximum Carrying Current
2 A
Maximum Switching Power
60 AV or 30 W
Max. Switching Voltage*1
220 VAC or 150 VDC
Maximum Switching Current
1.25 A (AC) or 2 A (DC)
Min. applicable
Plastic sealed
1 mA 5 VDC
1 mA 1 VDC
1 mA 1 VDC
0.1 mA 0.1 VDC
load*2 (Reference)
Flux free
5 mA 5 VDC
1 mA 5 VDC
1 mA 5 VDC
1 mA 1 VDC
Coil
Nominal Power (at 20
°C)
Approximately 0.5 W to 0.58 W (standard), approximately 0.55 W (G type)
Operate Power (at 20
°C)
Approximately 0.28 W (standard), approximately 0.25 W (G type)
Operating Temperature
–30
°C to +70°C (no frost) (refer to the CHARACTERISTIC DATA)
Operating Humidity
45 to 85%RH
Time Value
Operate (at nominal voltage)
Maximum 6 ms
Release (at nominal voltage)
Maximum 3 ms
Insulation
Resistance (initial)
Minimum 100 M
Ω (at 500 VDC)
Dielectric
Between coil and contacts
500 VAC 1 minute (standard)
Strength
1,000 VAC 1 minute (high dielectric strength type)
Between open contacts
500 VAC 1 minute
Surge Strength
1,500 V (at 10
× 700 µs)
Life
Mechanical
20
× 106 operations minimum
Electrical (refer to the
DC
500
× 103 operations minimum (at contact rating)
REFERENCE DATA)
AC
100
× 103 operations minimum (at contact rating)
Other
Vibration Resistance
10 to 55 Hz (double amplitude of 1.5 mm)
Shock
Misoperation
200 m/s2 (11
±1 ms)
Resistance
Endurance
1,000 m/s2 (11
±1 ms)
Weight
Approximately 4.5 g
*1 If the switching voltage exceeds the rated contact voltage, reduce the current. The current values vary according to the type of load.
*2 Values when switching a resistive load at normal room temperature and humidity, and in a clean environment. The minimum switch-
ing load varies with the switching frequency and operation environment.
s SPECIFICATIONS
1,500 V
750 V
10
µs
700
µs


Similar Part No. - FBR244NG00902CT-2-UL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
logo
RFE international
FBR200F RFE-FBR200F Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
FBR200UF RFE-FBR200UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
First Components Intern...
FBR20100 FCI-FBR20100 Datasheet
123Kb / 2P
   20 Amp HV SCHOTTKY BARRIER RECTIFIERS
FBR20100 FCI-FBR20100 Datasheet
70Kb / 2P
   20 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR244NG00902CT-2-UL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com