Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C32B-2ZI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS24C32B-2ZI
Description  64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C32B-2ZI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS24C32B-2ZI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C32B-2ZI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C32B-2ZI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C32B-2ZI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C32B-2ZI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C32B-2ZI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C32B-2ZI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C32B-2ZI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS24C32B-2ZI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. A
04/12/06
IS24C32A/B
IS24C64A/B
ISSI®
POWER SUPPLY CHARACTERISTICS Industrial (TA = -40oC to +85oC), Automotive (TA = -40oC to +125oC)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating Current
Read at 400 KHz (Vcc = 5V)
2.0
mA
ICC2
Vcc Operating Current
Write at 400 KHz (Vcc = 5V)
3.0
mA
ISB1
Standby Current
Vcc = 1.8V
1
µA
ISB2
Standby Current
Vcc = 2.5V
2
µA
ISB3
Standby Current
Vcc = 5.0V
6
µA
Notes: VIL min and VIH max are reference only and are not tested.
AC ELECTRICAL CHARACTERISTICS
Industrial (TA = -40oC to +85oC)
1.8V
≤≤≤≤≤ Vcc < 2.5V
2.5V
≤≤≤≤≤ Vcc < 4.5V
4.5V
≤≤≤≤≤ Vcc ≤≤≤≤≤ 5.5V(1)
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fSCL
SCL Clock Frequency
0
100
0
400
0
1000
KHz
T
Noise Suppression Time(1)
100
50
50
ns
tLow
Clock Low Period
4.7
1.2
0.6
µs
tHigh
Clock High Period
4
0.6
0.4
µs
tBUF
Bus Free Time Before New Transmission(1)
4.7
1.2
0.5
µs
tSU:STA
Start Condition Setup Time
4
0.6
0.25
µs
tSU:STO
Stop Condition Setup Time
4
0.6
0.25
µs
tHD:STA
Start Condition Hold Time
4
0.6
0.25
µs
tHD:STO
Stop Condition Hold Time
4
0.6
0.25
µs
tSU:DAT
Data In Setup Time
100
100
100
ns
tHD:DAT
Data In Hold Time
0
0
0
ns
tSU:WP
WP pin Setup Time
4
0.6
0.6
µs
tHD:WP
WP pin Hold Time
4.7
1.2
1.2
µs
tDH
Data Out Hold Time
100
50
50
ns
(SCL Low to SDA Data Out Change)
tAA
Clock to Output
100
3500
50
900
50
400
ns
(SCL Low to SDA Data Out Valid)
tR
SCL and SDA Rise Time(1)
1000
300
300
ns
tF
SCL and SDA Fall Time(1)
300
300
100
ns
tWR
Write Cycle Time
5
5
5
ms
DC ELECTRICAL CHARACTERISTICS Industrial (TA = -40oC to +85oC), Automotive (TA = -40oC to +125oC)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOL1
Output Low Voltage
VCC = 1.8V, IOL = 0.15 mA
0.2
V
VOL2
Output Low Voltage
VCC = 2.5V, IOL = 3 mA
0.4
V
VIH
Input High Voltage
VCC X 0.7 VCC + 0.5
V
VIL
Input Low Voltage
–1.0
VCC X 0.3
V
ILI
Input Leakage Current
VIN = VCC max.
3
µA
ILO
Output Leakage Current
3
µA
Note: 1. These parameters are characterized but not 100% tested.


Similar Part No. - IS24C32B-2ZI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32-2 ISSI-IS24C32-2 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32-3 ISSI-IS24C32-3 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32C-2DLI ISSI-IS24C32C-2DLI Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32C-2GLI ISSI-IS24C32C-2GLI Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C32B-2ZI

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
E-CMOS Corporation
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com