Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C64B-2GI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS24C64B-2GI
Description  64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C64B-2GI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS24C64B-2GI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C64B-2GI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/12/06
IS24C32A/B
IS24C64A/B
ISSI®
Figure 8. Current Address Read
Figure 9. Random Address Read
SDA
Bus
Activity
S
T
A
R
T
M
S
B
L
S
B
N
O
A
C
K
R
E
A
D
S
T
O
P
A
C
K
Data
Device
Address
R/W
SDA
Bus
Activity
A
C
K
A
C
K
A
C
K
Data n
Word
Address (n)
Device
Address
DUMMY WRITE
Device
Address
S
T
A
R
T
W
R
I
T
E
R
E
A
D
S
T
A
R
T
S
T
O
P
M
S
B
L
S
B
N
O
A
C
K
R/
W
A
C
K
Word
Address (n)
* = Don't care bits
# = Don't care bit for 24C32A/B
* ** #
Figure 10. Sequential Read
S
T
O
P
N
O
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Data Byte n+X
Data Byte n+1
Data Byte n
Data Byte n+2
R/W
SDA
Bus
Activity
Device
Address
R
E
A
D


Similar Part No. - IS24C64B-2GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C64 ISSI-IS24C64 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64-2 ISSI-IS24C64-2 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64-3 ISSI-IS24C64-3 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C64B-2GI

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
E-CMOS Corporation
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com