Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C08A-2PI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS24C08A-2PI
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C08A-2PI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS24C08A-2PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C08A-2PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C08A-2PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C08A-2PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C08A-2PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C08A-2PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C08A-2PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C08A-2PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C08A-2PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. F
01/09/06
IS24C02A IS24C04A
IS24C08A IS24C16A
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit
2-WIRE SERIAL CMOS EEPROM
JANUARY 2006
DESCRIPTION
The IS24C02A, IS24C04A, IS24C08A, and
IS24C16A are electrically erasable PROM
devices that use the standard 2-wire interface for
communications. The IS24C02A, IS24C04A,
IS24C08A, and IS24C16A contain a memory array
of 2K-bits (256 x 8), 4K-bits (512 x 8), 8K-bits
(1,024 x 8), and 16K-bits (2,048 x 8), respectively.
Each device is organized into 16 byte pages for
page write mode.
This EEPROM operates in a wide voltage range of
1.8V to 5.5V to be compatible with most application
voltages. ISSI designed this device family to be a
practical, low-power 2-wire EEPROM solution. The
devices are available in 8-pin PDIP, 8-pin SOIC, 8-
pad DFN, 8-pin MSOP, and 8-pin TSSOP pack-
ages.
The IS24C02A/04A/08A/16A maintains compatibil-
ity with the popular 2-wire bus protocol, so it is
easy to use in applications implementing this bus
type. The simple bus consists of the Serial Clock
wire (SCL) and the Serial Data wire (SDA). Using
the bus, a Master device such as a microcontroller
is usually connected to one or more Slave devices
such as this device. The bit stream over the SDA
line includes a series of bytes, which identifies a
particular Slave device, an instruction, an address
within that Slave device, and a series of data, if
appropriate. The IS24C02A/04A/08A/16A has a
Write Protect pin (WP) to allow blocking of any
write instruction transmitted over the bus.
FEATURES
• Two-Wire Serial Interface, I2CTM Compatible
–Bi-directional data transfer protocol
• Wide Voltage Operation
–Vcc = 1.8V to 5.5V
• 400 KHz (2.5V) and 1 MHz (5.0V) Compatible
• Low Power CMOS Technology
–Standby Current less than 6 µA (5.0V)
–Read Current less than 2 mA (5.0V)
–Write Current less than 3 mA (5.0V)
• Hardware Data Protection
–Write Protect Pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• Self time write cycle with auto clear
5 ms max @ 2.5V
• Organization:
–IS24C02A, 256x8 (one block of 256 bytes)
–IS24C04A, 512x8 (two blocks of 256 bytes)
–IS24C08A, 1024x8 (four blocks of 256 bytes)
–IS24C16A, 2048x8 (eight blocks of 256 bytes)
• 16 Byte Page Write Buffer
• High Reliability
–Endurance: 1,000,000 Cycles
–Data Retention: 100 Years
• Commercial, Industrial and Automotive tempera-
ture ranges
• 8-pin PDIP, 8-pin SOIC, 8-pad DFN, 8-pin
TSSOP, and 8-pin MSOP packages
• Lead-free available


Similar Part No. - IS24C08A-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C08 ISSI-IS24C08 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C08-2 ISSI-IS24C08-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C08-2G ISSI-IS24C08-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C08-2G ISSI-IS24C08-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C08-2GI ISSI-IS24C08-2GI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C08A-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com