Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32200C1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S32200C1
Description  512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32200C1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S32200C1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32200C1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. 00E
05/18/06
IS42S32200C1
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• Clock frequency: 183, 166, 143 MHz
• Fully synchronous; all signals referenced to a
positive clock edge
• Internal bank for hiding row access/precharge
• Single 3.3V power supply
• LVTTL interface
• Programmable burst length:
(1, 2, 4, 8, full page)
• Programmable burst sequence:
Sequential/Interleave
• Self refresh modes
• 4096 refresh cycles every 64 ms
• Random column address every clock cycle
• Programmable
CAS latency (2, 3 clocks)
• Burst read/write and burst read/single write
operations capability
• Burst termination by burst stop and precharge
command
• Available in Industrial temperature grade
• Available in 400-mil 86-pin TSOP II and 90-ball
BGA
• Available in Lead free
OVERVIEW
ISSI's 64Mb Synchronous DRAM IS42S32200C1 is
organized as 524,288 bits x 32-bit x 4-bank for improved
performance. The synchronous DRAMs achieve high-
speed data transfer using pipeline architecture. All inputs
and outputs signals refer to the rising edge of the clock
input.
512K Bits x 32 Bits x 4 Banks (64-MBIT)
SYNCHRONOUS DYNAMIC RAM
PRELIMINARY INFORMATION
MAY 2006
KEY TIMING PARAMETERS
Parameter
-55
-6
-7
Unit
Clk Cycle Time
CAS Latency = 3
5.5
6
7
ns
CAS Latency = 2
10
10
10
ns
Clk Frequency
CAS Latency = 3
183
166
143
Mhz
CAS Latency = 2
100
100
100
Mhz
Access Time from Clock
CAS Latency = 3
5
5.5
5.5
ns
CAS Latency = 2
7.5
7.5
8
ns


Similar Part No. - IS42S32200C1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200 ISSI-IS42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6T ISSI-IS42S32200-6T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6TI ISSI-IS42S32200-6TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7T ISSI-IS42S32200-7T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7TI ISSI-IS42S32200-7TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S32200C1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200B ISSI-IS42S32200B Datasheet
537Kb / 56P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S32200L ETC2-IS42S32200L Datasheet
1Mb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com