Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV16105B-50KLI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS41LV16105B-50KLI
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16105B-50KLI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS41LV16105B-50KLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV16105B-50KLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV16105B-50KLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV16105B-50KLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16105B-50KLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16105B-50KLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16105B-50KLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16105B-50KLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16105B-50KLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
04/18/05
IS41LV16105B
ISSI®
Functional Description
The IS41LV16105B is a CMOS DRAM optimized for high-
speed bandwidth, low power applications. During READ or
WRITE cycles, each bit is uniquely addressed through the
16 address bits. These are entered ten bits (A0-A9) at a
time. The row address is latched by the Row Address
Strobe (
RAS). The column address is latched by the
Column Address Strobe (
CAS). RAS is used to latch the
first nine bits and
CAS is used the latter nine bits.
The IS41LV16105B has two
CAS controls, LCAS and
UCAS. The LCAS and UCAS inputs internally generates a
CAS signal functioning in an identical manner to the single
CAS input on the other 1M x 16 DRAMs. The key difference
is that each
CAS controls its corresponding I/O tristate
logic (in conjunction with
OE and WE and RAS). LCAS
controls I/O0 through I/O7 and
UCAS controls I/O8 through
I/O15.
The IS41LV16105B
CAS function is determined by the first
CAS (LCAS or UCAS) transitioning LOW and the last
transitioning back HIGH. The two
CAS controls give the
IS41LV16105B both BYTE READ and BYTE WRITE cycle
capabilities.
Memory Cycle
A memory cycle is initiated by bring
RAS LOW and it is
terminated by returning both
RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of
CAS or OE,
whichever occurs last, while holding
WE HIGH. The
column address must be held for a minimum time speci-
fied by tAR. Data Out becomes valid only when tRAC, tAA,
tCAC and tOEA are all satisfied. As a result, the access time
is dependent on the timing relationships between these
parameters.
Write Cycle
A write cycle is initiated by the falling edge of
CAS and WE,
whichever occurs last. The input data must be valid at or
before the falling edge of
CAS or WE, whichever occurs
last.
Refresh Cycle
To retain data, 1,024 refresh cycles are required in each
16 ms period. There are two ways to refresh the memory.
1. By clocking each of the 1,024 row addresses (A0
through A9) with
RAS at least once every 16 ms. Any
read, write, read-modify-write or
RAS-only cycle re-
freshes the addressed row.
2. Using a
CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding
CAS LOW. In CAS-before-RAS refresh
cycle, an internal 9-bit counter provides the row ad-
dresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Power-On
After application of the VDD supply, an initial pause of
200 µs is required followed by a minimum of eight
initialization cycles (any combination of cycles contain-
ing a
RAS signal).
During power-on, it is recommended that
RAS track with
VDD or be held at a valid VIH to avoid current surges.


Similar Part No. - IS41LV16105B-50KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16105 ICSI-IS41LV16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50K ICSI-IS41LV16105-50K Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50KI ICSI-IS41LV16105-50KI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50T ICSI-IS41LV16105-50T Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105-50TI ICSI-IS41LV16105-50TI Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41LV16105B-50KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com