Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43R16320A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS43R16320A
Description  32Meg x 16 512-MBIT DDR SDRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43R16320A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS43R16320A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43R16320A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
03/22/06
ISSI®
IS43R16320A
Notes:
1. For a burst length of two, A1-A i selects the two-data-element block; A0 selects the first access within the block.
2. For a burst length of four, A2-A i selects the four-data-element block; A0-A1 selects the first access within the block.
3. For a burst length of eight, A3-A i selects the eight-data- element block; A0-A2 selects the first access within the block.
4. Whenever a boundary of the block is reached within a given sequence above, the following access wraps within the block.
Burst Type
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the burst type
and is selected via bit A3. The ordering of accesses within a burst is determined by the burst length, the burst type and the start-
ing column address, as shown in Burst Definition.
Read Latency
The Read latency, or CAS latency, is the delay, in clock cycles, between the registration of a Read command and the availability
of the first burst of output data. The latency can be programmed 2 or 2.5 clocks for DDR333.
If a Read command is registered at clock edge n, and the latency is m clocks, the data is available nominally coincident with
clock edge n + m.
Reserved states should not be used as unknown operation or incompatibility with future versions may result.
Burst Definition
Burst Length
Starting Column Address
Order of Accesses Within a Burst
A2
A1
A0
Type = Sequential
Type = Interleaved
2
0
0-1
0-1
11-0
1-0
4
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0


Similar Part No. - IS43R16320A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS43R16320D ETC2-IS43R16320D Datasheet
1Mb / 33P
   16Mx32, 32Mx16, 64Mx8 512Mb DDR SDRAM
logo
Integrated Silicon Solu...
IS43R16320E ISSI-IS43R16320E Datasheet
1,006Kb / 33P
   Auto Refresh and Self Refresh Modes
More results

Similar Description - IS43R16320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16160A ISSI-IS43R16160A Datasheet
770Kb / 56P
   16Meg x 16 256-MBIT DDR SDRAM
IS43R16800A1 ISSI-IS43R16800A1 Datasheet
2Mb / 72P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
logo
Mosel Vitelic, Corp
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
   64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
   64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
logo
Integrated Circuit Solu...
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
   4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
logo
Integrated Silicon Solu...
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
   4Meg x 32 128-MBIT DDR SDRAM
logo
Infineon Technologies A...
HYB18T512400AF INFINEON-HYB18T512400AF Datasheet
2Mb / 117P
   512-Mbit DDR2 SDRAM
Rev. 1.3, Jan. 2005
logo
Qimonda AG
HYB18T512161B2F QIMONDA-HYB18T512161B2F Datasheet
1Mb / 37P
   512-Mbit x16 DDR2 SDRAM
HYB18T512161BF QIMONDA-HYB18T512161BF Datasheet
2Mb / 41P
   512-Mbit x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com