Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43R16800A1 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS43R16800A1
Description  8Meg x 16 128-MBIT DDR SDRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43R16800A1 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS43R16800A1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43R16800A1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. 00A
04/17/06
ISSI®
IS43R16800A1
Register Definition
Mode Register
The Mode Register is used to define the specific mode of operation of the DDR SDRAM. This definition includes the selection of
a burst length, a burst type, a CAS latency, and an operating mode. The Mode Register is programmed via the Mode Register
Set command (with BA0 = 0 and BA1 = 0) and retains the stored information until it is programmed again or the device loses
power (except for bit A8, which is self-clearing).
Mode Register bits A0-A2 specify the burst length, A3 specifies the type of burst (sequential or interleaved), A4-A6 specify the
CAS latency, and A7-A11 specify the operating mode.
The Mode Register must be loaded when all banks are idle, and the controller must wait the specified time before initiating the
subsequent operation. Violating either of these requirements results in unspecified operation.
Burst Length
Read and write accesses to the DDR SDRAM are burst oriented, with the burst length being programmable. The burst length
determines the maximum number of column locations that can be accessed for a given Read or Write command. Burst lengths
of 2, 4, or 8 locations are available for both the sequential and the interleaved burst types.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result.
When a Read or Write command is issued, a block of columns equal to the burst length is effectively selected. All accesses for
that burst take place within this block, meaning that the burst wraps within the block if a boundary is reached. The block is
uniquely selected by A1-Ai when the burst length is set to two, by A2-Ai when the burst length is set to four and by A3-Ai when
the burst length is set to eight (where Ai is the most significant column address bit for a given configuration). The remaining
(least significant) address bit(s) is (are) used to select the starting location within the block. The programmed burst length
applies to both Read and Write bursts.


Similar Part No. - IS43R16800A1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6T ISSI-IS43R16800A-6T Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R16800A-6TL ISSI-IS43R16800A-6TL Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
More results

Similar Description - IS43R16800A1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16800A-6 ISSI-IS43R16800A-6 Datasheet
1Mb / 47P
   8Meg x 16 128-MBIT DDR SDRAM
IS43R32400A ISSI-IS43R32400A Datasheet
1Mb / 25P
   4Meg x 32 128-MBIT DDR SDRAM
IS43R16320A ISSI-IS43R16320A Datasheet
235Kb / 18P
   32Meg x 16 512-MBIT DDR SDRAM
IS43R16160A ISSI-IS43R16160A Datasheet
770Kb / 56P
   16Meg x 16 256-MBIT DDR SDRAM
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
Mosel Vitelic, Corp
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
   64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
logo
Integrated Silicon Solu...
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com