Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32800B-7TI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS42S32800B-7TI
Description  2M Words x 32 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32800B-7TI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS42S32800B-7TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32800B-7TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32800B-7TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32800B-7TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32800B-7TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32800B-7TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32800B-7TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32800B-7TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32800B-7TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev.
B
05/24/06
ISSI®
IS42S32800B
PIN CONFIGURATION
PACKAGE CODE: B 90 BALL FBGA (Top View) (8.00 mm x 13.00 mm Body, 0.8 mm Ball Pitch)
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
DQ26
DQ28
VSSQ
VSSQ
VDDQ
VSS
A4
A7
CLK
DQM1
VDDQ
VSSQ
VSSQ
DQ11
DQ13
DQ24
VDDQ
DQ27
DQ29
DQ31
DQM3
A5
A8
CKE
NC
DQ8
DQ10
DQ12
VDDQ
DQ15
VSS
VSSQ
DQ25
DQ30
NC
A3
A6
NC
A9
NC
VSS
DQ9
DQ14
VSSQ
VSS
VDD
VDDQ
DQ22
DQ17
NC
A2
A10
NC
BA0
CAS
VDD
DQ6
DQ1
VDDQ
VDD
DQ23
VSSQ
DQ20
DQ18
DQ16
DQM2
A0
BA1
CS
WE
DQ7
DQ5
DQ3
VSSQ
DQ0
DQ21
DQ19
VDDQ
VDDQ
VSSQ
VDD
A1
A11
RAS
DQM0
VSSQ
VDDQ
VDDQ
DQ4
DQ2
PIN DESCRIPTIONS
A0-A11
Row Address Input
A0-A8
Column Address Input
BA0, BA1
Bank Select Address
DQ0 to DQ31
Data I/O
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
DQM0-DQM3
x32 Input/Output Mask
VDD
Power
Vss
Ground
VDDQ
Power Supply for I/O Pin
VssQ
Ground for I/O Pin
NC
No Connection


Similar Part No. - IS42S32800B-7TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
IS42S32800-6BL ISSI-IS42S32800-6BL Datasheet
1Mb / 62P
   Concurrent auto precharge
IS42S32800-6BLI ISSI-IS42S32800-6BLI Datasheet
1Mb / 62P
   Concurrent auto precharge
IS42S32800-6TL ISSI-IS42S32800-6TL Datasheet
1Mb / 62P
   Concurrent auto precharge
IS42S32800-6TLI ISSI-IS42S32800-6TLI Datasheet
1Mb / 62P
   Concurrent auto precharge
More results

Similar Description - IS42S32800B-7TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32160A ISSI-IS42S32160A Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200C1 ISSI-IS42S32200C1 Datasheet
608Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200B ISSI-IS42S32200B Datasheet
537Kb / 56P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S32200L ETC2-IS42S32200L Datasheet
1Mb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com