Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S83200B-7TL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS42S83200B-7TL
Description  32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S83200B-7TL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS42S83200B-7TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S83200B-7TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S83200B-7TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S83200B-7TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S83200B-7TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S83200B-7TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S83200B-7TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S83200B-7TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S83200B-7TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
ISSI®
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00E
05/25/06
IS42S83200B,
IS42S16160B
PIN FUNCTIONS
Symbol
Type
Function (In Detail)
A0-A12
Input Pin
Address Inputs: A0-A12 are sampled during the ACTIVE command (row-address A0-
A12) and READ/WRITE command (column address A0-A9 (x8), or A0-A8 (x16); with
A10 defining auto precharge) to select one location out of the memory array in the
respective bank. A10 is sampled during a PRECHARGE command to determine if all
banks are to be precharged (A10 HIGH) or bank selected by BA0, BA1 (LOW). The
address inputs also provide the op-code during a LOAD MODE REGISTER command.
BA0, BA1
Input Pin
Bank Select Address: BA0 and BA1 defines which bank the ACTIVE, READ, WRITE or
PRECHARGE command is being applied.
CAS
Input Pin
CAS, in conjunction with the RAS and WE, forms the device command. See the
"Command Truth Table" for details on device commands.
CKE
Input Pin
The CKE input determines whether the CLK input is enabled. The next rising edge of the
CLK signal will be valid when is CKE HIGH and invalid when LOW. When CKE is LOW,
the device will be in either power-down mode, clock suspend mode, or self refresh
mode. CKE is an asynchronous input.
CLK
Input Pin
CLK is the master clock input for this device. Except for CKE, all inputs to this device
are acquired in synchronization with the rising edge of this pin.
CS
Input Pin
The
CSinput determines whether command input is enabled within the device.
Command input is enabled when
CS is LOW, and disabled with CS is HIGH. The device
remains in the previous state when
CS is HIGH.
DQML,
Input Pin
DQML and DQMH control the lower and upper bytes of the I/O buffers. In read
DQMH
mode,DQML and DQMH control the output buffer. WhenDQML orDQMH is LOW, the
corresponding buffer byte is enabled, and when HIGH, disabled. The outputs go to the
HIGH impedance state whenDQML/DQMH is HIGH. This function corresponds to
OE
in conventional DRAMs. In write mode,DQML and DQMH control the input buffer. When
DQML or DQMH is LOW, the corresponding buffer byte is enabled, and data can be
written to the device. WhenDQML or DQMH is HIGH, input data is masked and cannot
be written to the device. For IS42S16160B only.
DQM
Input Pin
For IS42S83200B only.
DQ0-DQ7 or
Input/Output
Data on the Data Bus is latched on DQ pins during Write commands, and buffered for
DQ0-DQ15
output after Read commands.
RAS
Input Pin
RAS, in conjunction with CAS and WE, forms the device command. See the "Command
Truth Table" item for details on device commands.
WE
Input Pin
WE, in conjunction with RAS and CAS, forms the device command. See the "Command
Truth Table" item for details on device commands.
VDDQ
Power Supply Pin
VDDQ is the output buffer power supply.
VDD
Power Supply Pin
VDD is the device internal power supply.
VSSQ
Power Supply Pin
VSSQ is the output buffer ground.
VSS
Power Supply Pin
VSS is the device internal ground.


Similar Part No. - IS42S83200B-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200B-7TL ISSI-IS42S83200B-7TL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42S83200B-7TLI ISSI-IS42S83200B-7TLI Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S83200B-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200G ISSI-IS42S83200G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com