Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989ILDX-1.8 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2989ILDX-1.8
Description  Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989ILDX-1.8 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP2989ILDX-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LP2989ILDX-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LP2989ILDX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP2989ILDX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP2989ILDX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP2989ILDX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP2989ILDX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP2989ILDX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP2989ILDX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, COUT = 10 µF, CIN = 2.2 µF, VS/D = 2V.
Symbol
Parameter
Conditions
Typical
LP2989AI-X.X
(Note 6)
LP2989I-X.X
(Note 6)
Units
Min
Max
Min
Max
SHUTDOWN INPUT
V
S/D
S/D Input Voltage
V
H = O/P ON
1.4
1.6
1.6
V
V
L = O/P OFF
I
IN
≤ 2µA
0.50
0.18
0.18
I
S/D
S/D Input Current
V
S/D = 0
0.001
−1
−1
µA
V
S/D =5V
5
15
15
ERROR COMPARATOR
I
OH
Output “HIGH” Leakage
V
OH = 16V
0.001
11
µA
22
V
OL
Output “LOW” Voltage
V
OUT =VO(NOM) − 0.5V
I
O(COMP) = 150 µA
150
220
220
mV
350
350
V
THR
(MAX)
Upper Threshold
Voltage
−4.8
−6.0
−3.5
−6.0
−3.5
%V
OUT
−8.3
−2.5
−8.3
−2.5
V
THR
(MIN)
Lower Threshold
Voltage
−6.6
−8.9
−4.9
−8.9
−4.9
−13.0
−3.0
−13.0
−3.0
HYST
Hysteresis
2.0
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: ESD testing was performed using Human Body Model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ−A,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
The value of
θJ−A for the SO-8 (M) package is 160˚C/W and the mini SO-8 (MM) package is 200˚C/W. The value θJ−A for the LLP (LD) package is specifically
dependent on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the LLP
package, refer to Application Note AN-1187.Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown.
Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2989LV output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Forcing the output above the input will turn
on this diode and may induce a latch-up mode which can damage the part (see Application Hints).
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 7: Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
Note 8: See Typical Performance Characteristics curves.
www.national.com
5


Similar Part No. - LP2989ILDX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2989ILDX-2.5 NSC-LP2989ILDX-2.5 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
LP2989ILDX-2.8 NSC-LP2989ILDX-2.8 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
LP2989ILDX-285 NSC-LP2989ILDX-285 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
LP2989ILDX-3.0 NSC-LP2989ILDX-3.0 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
LP2989ILDX-3.3 NSC-LP2989ILDX-3.3 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
More results

Similar Description - LP2989ILDX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2980LV NSC-LP2980LV Datasheet
344Kb / 14P
   Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2989 NSC-LP2989 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
   Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
[Old version datasheet]   LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com