Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989AIMX-1.8 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2989AIMX-1.8
Description  Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989AIMX-1.8 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2989AIMX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP2989AIMX-1.8 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, COUT =10µF,
CIN = 2.2 µF, S/D is tied to VIN,VIN =VO(NOM) + 1V, IL = 1 mA, VOUT = 1.8V. (Continued)
Short Circuit Current vs Temperature
Short Circuit Current
10135732
10135734
Short Circuit Current
Minimum V
IN vs Load Current
10135735
10135739
Typical Temperature vs V
OUT (LP2989-1.8)
10135755
www.national.com
7


Similar Part No. - LP2989AIMX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2989AIMX-1.8/NOPB TI-LP2989AIMX-1.8/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
More results

Similar Description - LP2989AIMX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2980LV NSC-LP2980LV Datasheet
344Kb / 14P
   Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2989 NSC-LP2989 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
   Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
[Old version datasheet]   LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com