Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S16400C1-7TA1 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS45S16400C1-7TA1
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16400C1-7TA1 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS45S16400C1-7TA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45S16400C1-7TA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
IS45S16400C1
ISSI®
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
10/25/05
TRUTH TABLE – COMMANDS AND DQM OPERATION(1)
FUNCTION
CS
CS
CS
CS
CS
RAS
RAS
RAS
RAS
RAS
CAS
CAS
CAS
CAS
CAS
WE
WE
WE
WE
WE
DQM
ADDR
DQs
COMMAND INHIBIT (NOP)
H
X
X
X
X
X
X
NO OPERATION (NOP)
L
H
H
H
X
X
X
ACTIVE (Select bank and activate row)(3)
L
L
H
H
X
Bank/Row
X
READ (Select bank/column, start READ burst)
(4)
LH
LH
L/H(8)
Bank/Col
X
WRITE (Select bank/column, start WRITE burst)
(4)
L
H
L
L
L/H(8)
Bank/Col
Valid
BURST TERMINATE
L
H
H
L
X
X
Active
PRECHARGE (Deactivate row in bank or banks)
(5)
L
L
H
L
X
Code
X
AUTO REFRESH or SELF REFRESH
(6,7)
L
L
L
H
XXX
(Enter self refresh mode)
LOAD MODE REGISTER
(2)
L
L
L
L
X
Op-Code
X
Write Enable/Output Enable
(8)
L
Active
Write Inhibit/Output High-Z
(8)
H
High-Z
NOTES:
1. CKE is HIGH for all commands except SELF REFRESH.
2. A0-A11 define the op-code written to the mode register.
3. A0-A11 provide row address, and BA0, BA1 determine which bank is made active.
4. A0-A7 (x16) provide column address; A10 HIGH enables the auto precharge feature (nonpersistent), while A10 LOW disables
auto precharge; BA0, BA1 determine which bank is being read from or written to.
5. A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks precharged and BA0, BA1 are “Don’t Care.”
6. AUTO REFRESH if CKE is HIGH, SELF REFRESH if CKE is LOW.
7. Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
8. Activates or deactivates the DQs during WRITEs (zero-clock delay) and READs (two-clock delay).


Similar Part No. - IS45S16400C1-7TA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16400E ISSI-IS45S16400E Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-6TLA1 ISSI-IS45S16400E-6TLA1 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-7TLA1 ISSI-IS45S16400E-7TLA1 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E-7TLA2 ISSI-IS45S16400E-7TLA2 Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400F ISSI-IS45S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16400C1-7TA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com