Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2989AIMMX-1.8 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2989AIMMX-1.8
Description  Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989AIMMX-1.8 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2989AIMMX-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LP2989AIMMX-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LP2989AIMMX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP2989AIMMX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP2989AIMMX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP2989AIMMX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP2989AIMMX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP2989AIMMX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP2989AIMMX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagrams
Surface Mount Packages:
8 Lead LLP Surface Mount Package
10135702
SO-8/Mini SO-8 Package
See NS Package Drawing Numbers M08A/MUA08A
10135750
Top View
See NS Package Number LDC08A
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
8 Lead LLP
1.8
A
LP2989AILD-1.8
L01EA
1000 Units on Tape and
Reel
1.8
A
LP2989AILDX-1.8
L01EA
4500 Units on Tape and
Reel
1.8
STD
LP2989ILD-1.8
L01EAB
1000 Units on Tape and
Reel
1.8
STD
LP2989ILDX-1.8
L01EAB
4500 Units on Tape and
Reel
SO-8 (M)
1.8
A
LP2989AIMX-1.8
2989AIM1.8
2500 Units on Tape and
Reel
1.8
A
LP2989AIM-1.8
2989AIM1.8
Shipped in Anti-Static
Rails
1.8
STD
LP2989IMX-1.8
2989IM1.8
2500 Units on Tape and
Reel
1.8
STD
LP298IM-1.8
2989IM1.8
Shipped in Anti-Static
Rails
8 Lead MSOP (MM)
1.8
A
LP2989AIMMX-1.8
LA5A
3500 Units on Tape and
Reel
1.8
A
LP2989AIMM-1.8
LA5A
1000 Units on Tape and
Reel
1.8
STD
LP2989IMMX-1.8
LA5B
3500 Units on Tape and
Reel
1.8
STD
LP2989IMM-1.8
LA5B
1000 Units on Tape and
Reel
For output voltages
≥ 2V, see LP2989 datasheet.
www.national.com
2


Similar Part No. - LP2989AIMMX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2989AIMMX-2.5 NSC-LP2989AIMMX-2.5 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
logo
Texas Instruments
LP2989AIMMX-2.5/NOPB TI1-LP2989AIMMX-2.5/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
logo
National Semiconductor ...
LP2989AIMMX-2.8 NSC-LP2989AIMMX-2.8 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
LP2989AIMMX-3.0 NSC-LP2989AIMMX-3.0 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
LP2989AIMMX-3.3 NSC-LP2989AIMMX-3.3 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
More results

Similar Description - LP2989AIMMX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2980LV NSC-LP2980LV Datasheet
344Kb / 14P
   Micropower SOT, 50 mA Low-Voltage Low-Dropout Regulator For Applications With Output Voltages < 2V
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2989 NSC-LP2989 Datasheet
616Kb / 19P
   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
   Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
[Old version datasheet]   LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com