Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1594G Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM1594G
Description  Low-Saturation 300mA Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1594G Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM1594G Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1594G Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1594G Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1594G Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1594G Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1594G Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1594G Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1594G Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Measuring Circuit
NC
12
GND
3
7
6
NC
NC
VIN
CN
4
CONT
5
O
V
8
V
A
A
A
CIN=1
µF
Ceramic
Co=1
µF
Ceramic*
Ceramic
CN=470pF
Application Circuit
NC
12
GND
3
7
6
NC
NC
VIN
CN
4
CONT
5
O
V
8
CIN=1
µF
Ceramic
Co=1
µF
Ceramic*
Ceramic
CN=470pF
Input
To load
Note
1. The output capacitor is required between output and GND to prevent oscillation.
2. The ESR of capacitor must be defined in ESR stability area.
It is possible to use a ceramic capacitor without ESR resistance for output.
The ceramic capacitor must be used more than 1.0µF and B type (X5R) temperature characteristics.
3. The wire of Vcc and GND is required to print full ground plane for noise and stability.
4. The input capacitor must be connected a distance of less than 1cm from input pin.
5. The capacitor is connected to Cn must have low leakage current characteristics, because Cn pin is high
impedance. The rise time will chage depending on the capacitance value.
6. In case the output voltage is above the input voltage, the overcurrent flow by internal parasitic diode from
output to input. In such application, the external bypass diode must be connected between output and
input pin.
*Temperature Characteristics: B Type
(X5R Type)


Similar Part No. - MM1594G

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1502 MITSUMI-MM1502 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1503 MITSUMI-MM1503 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1504 MITSUMI-MM1504 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
MM1505 MITSUMI-MM1505 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
More results

Similar Description - MM1594G

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM334X MITSUMI-MM334X Datasheet
136Kb / 12P
   Low-Saturation voltage 300mA LDO
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com