Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LP6432A-133TQ Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61LP6432A-133TQ
Description  64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LP6432A-133TQ Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LP6432A-133TQ Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LP6432A-133TQ Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LP6432A-133TQ Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LP6432A-133TQ Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LP6432A-133TQ Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LP6432A-133TQ Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LP6432A-133TQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LP6432A-133TQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LP6432A-133TQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IS61LP6432A
IS61LP6436A
ISSI®
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
09/02/05
PIN CONFIGURATION
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A2-A15
Synchronous Address Inputs
CLK
Synchronous Clock
ADSP
Synchronous Processor Address
Status
ADSC
Synchronous Controller Address
Status
ADV
Synchronous Burst Address Advance
BW1-BW4
Individual Byte Write Enable
BWE
Synchronous Byte Write Enable
GW
Synchronous Global Write Enable
CE, CE2, CE2 Synchronous Chip Enable
OE
Output Enable
DQa-DQd
Synchronous Data Input/Output
MODE
Burst Sequence Mode Selection
VDD
+3.3V Power Supply
Vss
Ground
VDDQ
Isolated Output Buffer Supply: +3.3V/2.5V
ZZ
Snooze Enable
NC
DQb8
DQb7
VDDQ
VSS
DQb6
DQb5
DQb4
DQb3
VSS
VDDQ
DQb2
DQb1
VSS
NC
VDD
ZZ
DQa8
DQa7
VDDQ
VSS
DQa6
DQa5
DQa4
DQa3
VSS
VDDQ
DQa2
DQa1
NC
NC
DQc1
DQc2
VDDQ
VSS
DQc3
DQc4
DQc5
DQc6
VSS
VDDQ
DQc7
DQc8
NC
VDD
NC
VSS
DQd1
DQd2
VDDQ
VSS
DQd3
DQd4
DQd5
DQd6
VSS
VDDQ
DQd7
DQd8
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
64K x 32
100-Pin TQFP


Similar Part No. - IS61LP6432A-133TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPD102418A ISSI-IS61LPD102418A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPD102418A-200B3 ISSI-IS61LPD102418A-200B3 Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPD102418A-200B3I ISSI-IS61LPD102418A-200B3I Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPD102418A-200TQ ISSI-IS61LPD102418A-200TQ Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPD102418A-200TQI ISSI-IS61LPD102418A-200TQI Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61LP6432A-133TQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Motorola, Inc
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com