Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3125QE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3B3125QE
Description  3.3V, 4-Bit, 2-Port Nanoswitch w/Individual Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3125QE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3B3125QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3125QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3125QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3125QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3125QE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B3125QE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PI3B3125/PI3B3126
3.3V, 4-Bit, 2-Port NanoSwitch
w/Individual Enables
4
PS8153F
09/09/04
PI3B3125 Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
PI3B3125
Units
Com.
Min.
Max.
tPLH
tPHL
Propagation Delay(2,3)
Ax to Bx, Bx to Ax
CL = 50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL = 50pF,
RL = 500Ω,
1.0
3.0
tPHZ
tPLZ
Bus Disable Time
RL = 500Ω
1.0
4.0
PI3B3126 Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
PI3B3126
Units
Com.
Min.
Max.
tPLH
tPHL
Propagation Delay(2,3)
Ax to Bx, Bx to Ax
CL= 50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL= 50pF,
RL = 500Ω,
1.0
2.5
tPHZ
tPLZ
Bus Disable Time
RL = 500Ω
1.0
4.0
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined
by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a + 3.3V supply, IN may be
driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing and Hot-Plug Information
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registeredtrademark of Nippon Motorola, Ltd.


Similar Part No. - PI3B3125QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3125QE PERICOM-PI3B3125QE Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
More results

Similar Description - PI3B3125QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
   8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A Datasheet
551Kb / 6P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com