Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C16925PC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P4C16925PC
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C16925PC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P4C16925PC Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C16925PC Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C16925PC Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C16925PC Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C16925PC Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C16925PC Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C16925PC Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C16925PC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P4C168, P4C169, P4C170
34
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC + 0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT= 0V
7
pF
RECOMMENDED OPERATING CONDITIONS
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Grade(2)
Commercial
Military
Ambient Temp
0
°C to 70°C
–55
°C to +125°C
Gnd
0V
0V
V
CC
5.0V
± 10%
5.0V
± 10%
V
IH
V
IL
V
HC
V
LC
V
OH
I
LI
I
SB
I
SB1
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Output Low Voltage
(TTL Load)
Output High Voltage
(CMOS Load)
Input Leakage Current
Output Leakage Current
Dynamic Operating
Current
Standby Power Supply
Current (TTL Input Levels)
P4C168 only
Standby Power
Supply Current
(CMOS Input Levels)
P4C168 only
Input Clamp Diode Voltage
Output Low Voltage
(CMOS Load)
Output High Voltage
(TTL Load)
Parameter
Symbol
Test Conditions
V
CC = Min., IIN = –18 mA
V
CC = Max., VIN = GND to VCC
V
CC = Max., CS = VIH,
V
OUT = GND to VCC
CE
≥ V
IH, VCC = Max., f = Max.,
Outputs Open
CE
≥ V
HC, VCC = Max., f = 0,
Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
Mil.
Comm’l
Mil.
Comm’l
P4C168/169/170
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
+10
+5
+10
+5
Unit
V
V
V
V
–1.2
V
V
CD
I
OL = +8 mA, VCC = Min.
0.4
V
V
OL
I
OLC = +100 µA, VCC = Min.
0.2
V
V
OLC
I
OH = –4 mA, VCC = Min.
V
I
OHC = –100 µA, VCC = Min.
V
CC –0.2
V
V
OHC
µA
I
LO
µA
I
CC
35
mA
15
mA
___
___
V
CC = Max., f = Max., Outputs Open
130
mA
___
DC ELECTRICAL CHARACTERISTICS


Similar Part No. - P4C16925PC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C169 PYRAMID-P4C169 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12CC PYRAMID-P4C169-12CC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12CM PYRAMID-P4C169-12CM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12DC PYRAMID-P4C169-12DC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C169-12DM PYRAMID-P4C169-12DM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C16925PC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com