Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LF102418A-6.5B2 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61LF102418A-6.5B2
Description  256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF102418A-6.5B2 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61LF102418A-6.5B2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LF102418A-6.5B2 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
Rev. E
04/21/06
ISSI®
IS61LF25672A IS61LF51236A IS61LF102418A
IS61VF25672A IS61VF51236A IS61VF102418A
PIN CONFIGURATION
DQPb
DQb
DQb
VDDQ
VSS
DQb
DQb
DQb
DQb
VSS
VDDQ
DQb
DQb
VSS
NC
VDD
ZZ
DQa
DQa
VDDQ
VSS
DQa
DQa
DQa
DQa
VSS
VDDQ
DQa
DQa
DQPa
DQPc
DQc
DQc
VDDQ
VSS
DQc
DQc
DQc
DQc
VSS
VDDQ
DQc
DQc
NC
VDD
NC
VSS
DQd
DQd
VDDQ
VSS
DQd
DQd
DQd
DQd
VSS
VDDQ
DQd
DQd
DQPd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 9089 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
512K x 36
100-Pin TQFP
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A
Synchronous Address Inputs
ADSC
Synchronous Controller Address Status
ADSP
Synchronous Processor Address Status
ADV
Synchronous Burst Address Advance
BWa-BWd
Synchronous Byte Write Enable
BWE
Synchronous Byte Write Enable
CE, CE2, CE2 Synchronous Chip Enable
CLK
Synchronous Clock
DQa-DQd
Synchronous Data Input/Output
DQPa-DQPd
Parity Data Input/Output
Vss
Ground
GW
Synchronous Global Write Enable
MODE
Burst Sequence Mode Selection
OE
Output Enable
TMS, TDI,
JTAG Boundary Scan Pins
TCK, TDO
VDD
3.3V/2.5V Power Supply
VDDQ
Isolated Output Buffer Supply:
3.3V/2.5V
ZZ
Snooze Enable


Similar Part No. - IS61LF102418A-6.5B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF102436A ISSI-IS61LF102436A Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5B3 ISSI-IS61LF102436A-6.5B3 Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5B3I ISSI-IS61LF102436A-6.5B3I Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5TQL ISSI-IS61LF102436A-6.5TQL Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102436A-6.5TQLI ISSI-IS61LF102436A-6.5TQLI Datasheet
420Kb / 20P
   36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF102418A-6.5B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
Motorola, Inc
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com