Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5T8610 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S5T8610
Description  DIGITAL CLP MODEM WITH ADPCM CODEC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8610 Datasheet(HTML) 4 Page - Samsung semiconductor

  S5T8610 Datasheet HTML 1Page - Samsung semiconductor S5T8610 Datasheet HTML 2Page - Samsung semiconductor S5T8610 Datasheet HTML 3Page - Samsung semiconductor S5T8610 Datasheet HTML 4Page - Samsung semiconductor S5T8610 Datasheet HTML 5Page - Samsung semiconductor S5T8610 Datasheet HTML 6Page - Samsung semiconductor S5T8610 Datasheet HTML 7Page - Samsung semiconductor S5T8610 Datasheet HTML 8Page - Samsung semiconductor S5T8610 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
S5T8610
DIGITAL CLP MODEM WITH ADPCM CODEC
4
PRELIMINARY
PIN DESCRIPTION
Pin No
Symbol
I/O
Description
1
VREF
AI
Reference top (3.3V) for ADC
2
AGND
AI
Reference bottom (0V) for ADC
3
VDDA_ADC
AP
Analog power (3.3V) for ADC
4
VSSA_ADC
AG
Analog ground (0V) for ADC
5
RXI
AI
Analog input (input range: 0V to 3.3V) for ADC
6
VRT
AI
Voltage reference top (2.0V) for DAC
7
VRB
AI
Voltage reference bottom (0V) for DAC
8
TXO
AO
Analog voltage output for DAC
9
VDDA_DAC
AP
Analog power (3.3V) for DAC
10
VSSA_DAC
AG
Analog ground (0V) for DAC
11
VDDD_DAC
DP
Digital power (3.3V) for DAC
12
VSSD_DAC
DG
Digital ground (0V) for DAC
13
VDDD1
DP
Digital power (3.3V) for DSP core
14
TCLKDR
DI
Test clock
15
TSHFTDR
DI
Test scan shift enable
16
TUPDDR
DI
Test scan update
17
TSELDR0
DI
Test scan register selection 0
18
TSELDR1
DI
Test scan register selection 1
19
TIDR
DI
Test scan input
20
TODR
DO
Test scan output
21
TINT
DO
Interrupt check
22
CKOUT
DO
Test clock output
23
VDDD_OSC
DP
Digital power (3.3V) for oscillator block
24
OSCI
I
Oscillator input
25
OSCO
O
Oscillator output
26
VSSD_OSC
DG
Digital ground (0V) for oscillator block
27
TEST0
DI
Test
28
TEST1
DI
Test
29
TEST2
DI
Test
30
TEST3
DI
Test
31
SYNCH/BER/JAM
DO
Initial synchronization / BER (bit error rate) / jamming
detection output
32
VSSD1
DG
Digital ground (0V)


Similar Part No. - S5T8610

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8554B SAMSUNG-S5T8554B Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B01 SAMSUNG-S5T8554B01 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B01-D0B0 SAMSUNG-S5T8554B01-D0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B01-S0B0 SAMSUNG-S5T8554B01-S0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B02-L0B0 SAMSUNG-S5T8554B02-L0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
More results

Similar Description - S5T8610

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7584D OKI-MSM7584D Datasheet
396Kb / 58P
   pi/4 Shift QPSK MODEM/ADPCM CODEC
MSM7586-01 OKI-MSM7586-01 Datasheet
284Kb / 42P
   pie/4 Shift QPSK MODEM/ADPCM CODEC
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
   pi /4 Shift QPSK MODEM/ADPCM CODEC
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Motorola, Inc
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
OKI electronic componet...
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com