Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5T8610 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S5T8610
Description  DIGITAL CLP MODEM WITH ADPCM CODEC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8610 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S5T8610 Datasheet HTML 3Page - Samsung semiconductor S5T8610 Datasheet HTML 4Page - Samsung semiconductor S5T8610 Datasheet HTML 5Page - Samsung semiconductor S5T8610 Datasheet HTML 6Page - Samsung semiconductor S5T8610 Datasheet HTML 7Page - Samsung semiconductor S5T8610 Datasheet HTML 8Page - Samsung semiconductor S5T8610 Datasheet HTML 9Page - Samsung semiconductor S5T8610 Datasheet HTML 10Page - Samsung semiconductor S5T8610 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DIGITAL CLP MODEM WITH ADPCM CODEC
S5T8610
7
PRELIMINARY
DTMF Generator
(Ta = 25
°C, V
DD = 3.3V, Unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Tone Output Level
V
O(TONE)
R
L=5kΩ
-14
-
-11
dBV
Column to Row Ratio
dBCR
R
L=5kΩ
1
2
3
dB
THD (Dual Tone)
THD
RL=5k
Ω, 1MHz bandwidth
-
-
5
%
8 kHz Sigma-Delta Voice CODEC
 Measure Bandwidth: 20Hz - 4kHz
 Input sine wave 1kHz, Fs = 8kHz
(Ta = 25
°C, V
DDA = 3.3V, Unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Resolution
RS
-
-
14
-
bits
Sampling Rate
SR
-
-
8
-
kHz
ADC analog Input Characteristics
Signal to Distortion Ratio
SDR
0dB Input : Linear
70
75
dB
Offset Error
V
OFS
-
-
-
± 20
mV
Input Voltage Range
V
IN
-
-
2
-
V
PK-PK
DAC analog Output Characteristics
Signal to Distortion Ratio
SDR
0dB Input : Linear
70
75
dB
Offset Error
V
OFS
-
-
-
mV
Output Voltage Range
V
OUT
0dB Volume
Control
-
20
-
mVrms
12 Bit 500kHz ADC (Modem RX ADC)
(Ta = 25
°C, V
DDA = 3.3V, VREF = 3.3V, Unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Conversion Rate
Fc
data = 200kHz
500
kHz
Total Harmonic Distortion
THD
Fckin = 2.5MHz
AINT = 100kHz
-68
-60
dB
Signal-to-Noise & Distortion Ratio
SNDR
Fckin = 2.5MHz
AINT = 100kHz
56
62
dB
Input Voltage
V
IN
3.3
V
PK-PK


Similar Part No. - S5T8610

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8554B SAMSUNG-S5T8554B Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B01 SAMSUNG-S5T8554B01 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B01-D0B0 SAMSUNG-S5T8554B01-D0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B01-S0B0 SAMSUNG-S5T8554B01-S0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
S5T8554B02-L0B0 SAMSUNG-S5T8554B02-L0B0 Datasheet
125Kb / 14P
   1 CHIP CODEC
More results

Similar Description - S5T8610

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7584D OKI-MSM7584D Datasheet
396Kb / 58P
   pi/4 Shift QPSK MODEM/ADPCM CODEC
MSM7586-01 OKI-MSM7586-01 Datasheet
284Kb / 42P
   pie/4 Shift QPSK MODEM/ADPCM CODEC
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
   pi /4 Shift QPSK MODEM/ADPCM CODEC
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Motorola, Inc
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
OKI electronic componet...
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com