Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NLP12818A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61NLP12818A
Description  64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP12818A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61NLP12818A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NLP12818A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NLP12818A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NLP12818A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NLP12818A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLP12818A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP12818A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP12818A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP12818A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00A
08/31/05
ISSI®
IS61NLP6432A
IS61NLP6436A/IS61NVP6436A
IS61NLP12818A/IS61NVP12818A
PIN CONFIGURATION
100-Pin TQFP
128K x 18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
A
NC
NC
VDDQ
Vss
NC
DQPa
DQa
DQa
Vss
VDDQ
DQa
DQa
Vss
NC
VDD
ZZ
DQa
DQa
VDDQ
Vss
DQa
DQa
NC
NC
Vss
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
Vss
NC
NC
DQb
DQb
Vss
VDDQ
DQb
DQb
NC
VDD
NC
Vss
DQb
DQb
VDDQ
Vss
DQb
DQb
DQPb
NC
Vss
VDDQ
NC
NC
NC
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A
Synchronous Address Inputs
CLK
Synchronous Clock
ADV
Synchronous Burst Address Advance
BWa-BWd
Synchronous Byte Write Enable
WE
Write Enable
CKE
Clock Enable
Vss
Ground for Core
NC
Not Connected
CE, CE2, CE2 Synchronous Chip Enable
OE
Output Enable
DQa-DQd
Synchronous Data Input/Output
DQPa-DQPd
Parity Data I/O
MODE
Burst Sequence Selection
VDD
+3.3V/2.5V Power Supply
VSS
Ground for output Buffer
VDDQ
Isolated Output Buffer Supply: +3.3V/2.5V
ZZ
Snooze Enable


Similar Part No. - IS61NLP12818A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832 ISSI-IS61NLP12832 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133B ISSI-IS61NLP12832-133B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133TQ ISSI-IS61NLP12832-133TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5B ISSI-IS61NLP12832-5B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5TQ ISSI-IS61NLP12832-5TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NLP12818A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com